Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KAK-R

  • AI
    The **KAK-R** is primarily recognized as a specialized **infrared (IR) remote control receiver module**, often used in air conditioning units (such as those by Galanz or Gree) and various home automation systems. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. Component Overview The KAK-R is an integrated receiver module designed to detect, amplify, and demodulate infrared signals emitted by handheld remote controls. | Feature | Description | | :--- | :--- | | **Component Type** | Infrared (IR) Receiver / Photodetector Module | | **Common Application** | Air Conditioning Control Boards | | **Operating Voltage** | Typically 2.7V to 5.5V DC | | **Carrier Frequency** | Usually 38kHz (standard for consumer electronics) | | **Output Signal** | Active Low (Digital signal sent to MCU) | --- ### 2. Internal Electronic Structure The module is not just a sensor; it is a "System in a Package" containing several sub-circuits: 1. **PIN Photodiode:** The "eye" of the component that converts incoming IR light pulses into tiny electrical currents. 2. **Preamplifier:** Boosts the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for distance and ambient light noise. 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38kHz) to ignore sunlight or fluorescent light interference. 5. **Demodulator:** Removes the carrier wave to leave only the binary data (the "code") for the microcontroller. --- ### 3. Pinout and Connection Most KAK-R modules feature a 3-pin configuration. While specific board layouts vary, the standard logic is as follows: | Pin Number | Label | Function | | :--- | :--- | :--- | | **1** | **OUT / SIG** | The demodulated data output connected to the MCU. | | **2** | **GND** | Ground / Negative supply terminal. | | **3** | **VCC** | Positive power supply (typically +5V). | --- ### 4. Technical Specifications When replacing or troubleshooting this part, the following parameters are critical: * **Peak Wavelength:** 940nm (Infrared spectrum). * **Reception Distance:** 10m to 15m (depending on line-of-sight). * **Power Consumption:** Very low, typically under 1.5mA during operation. * **Logic Level:** TTL and CMOS compatible. --- ### 5. Common Failures If the KAK-R module fails in an appliance, it usually exhibits these symptoms: * **Unresponsiveness:** The appliance works via physical buttons but ignores the remote. * **Sensitivity Drop:** The remote only works when held very close to the unit. * **Electrical Noise:** A faulty internal capacitor in the module can cause "ghost" signals.
    ✨ Follow-up Questions
    • ⤷ What are the standard troubleshooting steps if a KAK-R module stops responding?
    • ⤷ Can a KAK-R module be replaced with a generic TSOP receiver?
    • ⤷ How does the band-pass filter in the KAK-R handle ambient light interference?