Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KAM03CCG1E103AM

  • AI
    The part number **KAM03CCG1E103AM** identifies a specific Surface Mount (SMD) Multilayer Ceramic Capacitor (MLCC). These components are essential in electronics for energy storage, filtering, and decoupling. ### 1. Component Overview Based on standard industry nomenclature for ceramic capacitors, here is the technical breakdown of this part: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | MLCC | Multilayer Ceramic Capacitor | | **Capacitance** | 10nF (0.01µF) | Indicated by code "103" (10 + 3 zeros in pF) | | **Voltage Rating** | 25V | Indicated by code "1E" | | **Tolerance** | ±20% | Indicated by code "M" | | **Dielectric** | C0G (NP0) | High stability, low loss, zero temperature drift | | **Case Size** | 0603 (Metric 1608) | Standard small footprint for PCB mounting | --- ### 2. Key Technical Attributes #### Dielectric Material: C0G (NP0) The "CCG" portion of the part number signifies a **Class 1 dielectric**. * **Stability:** It does not vary significantly with changes in temperature, voltage, or time. * **Accuracy:** Ideal for resonant circuits, high-frequency filters, and precision timing applications. * **Dissipation Factor:** Very low, meaning less energy is wasted as heat. #### Capacitance Value Calculation The digits `103` follow the standard picofarad (pF) notation: * **10**: The significant digits. * **3**: The multiplier ($10^3$). * **Total**: $10,000\text{ pF} = 10\text{ nF} = 0.01\text{ µF}$. --- ### 3. Common Applications Due to the precision of the C0G dielectric, this specific capacitor is typically used in: 1. **RF Circuits:** Used in impedance matching and high-frequency oscillators. 2. **Audio Processing:** Used in signal paths where distortion must be kept to a minimum. 3. **Decoupling:** Filtering high-frequency noise near IC power pins. 4. **Timing Circuits:** Used in RC networks where a stable time constant is required regardless of environmental heat. --- ### 4. Physical Dimensions (0603 Metric) The "03" in the series often refers to the EIA 0603 size code. | Dimension | Millimeters (mm) | Inches (in) | | :--- | :--- | :--- | | **Length (L)** | 1.60 ± 0.10 | 0.063 ± 0.004 | | **Width (W)** | 0.80 ± 0.10 | 0.031 ± 0.004 | | **Height (T)** | 0.80 ± 0.10 | 0.031 ± 0.004 |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between C0G and X7R dielectrics?
    • ⤷ How does the voltage rating affect the physical size of an MLCC?
    • ⤷ What is the soldering profile recommended for 0603 SMD components?