Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KAS-16D-R/Q

  • AI
    The **KAS-16D-R/Q** is a high-performance **solid-state relay (SSR)** or specialized power switching module often used in industrial automation and power distribution systems. It is characterized by its high switching capacity and compact form factor. --- ### 1. Key Technical Specifications The following table highlights the primary electronic parameters of the KAS-16D-R/Q: | Parameter | Specification | | :--- | :--- | | **Control Voltage (Input)** | Typically 12V DC or 24V DC (Model dependent) | | **Switching Voltage (Output)** | AC 100V - 240V (Typical) | | **Rated Current** | 16 Amperes | | **Configuration** | 16-Channel Output (High Density) | | **Isolation Type** | Optoisolated (Photo-coupler) | | **Mounting Style** | DIN Rail or PCB Mount | --- ### 2. Functional Electronic Components The internal architecture of the KAS-16D series usually consists of several critical electronic sub-systems: * **Optoisolators:** These provide electrical separation between the low-power control circuit and the high-power output circuit. This protects the PLC or microcontroller from surges. * **Power MOSFETs / Triacs:** Depending on whether the output is DC or AC, these serve as the primary switching elements, allowing for high-speed operation without mechanical wear. * **LED Status Indicators:** Integrated visual feedback components that signify which channels are currently energized. * **Reverse Polarity Protection:** Diodes integrated into the input stage to prevent damage if the control wires are connected incorrectly. --- ### 3. Connection Pinout Logic While specific pin numbering can vary by manufacturer, the logical layout follows this structure: ```cpp // Logic Representation of Wiring Input_Side { VCC: Power supply for logic (+24V); GND: Common ground; IN[1..16]: Signal lines from Controller (PLC); } Output_Side { COM: Common power line for loads; OUT[1..16]: Individual switched power to devices; } ``` --- ### 4. Applications * **PLC Expansion:** Used when a Programmable Logic Controller needs to drive more current than its onboard outputs allow. * **Heating Elements:** Precise control of resistive loads in industrial ovens. * **Motor Control:** Switching small single-phase motors or actuators. * **Solenoid Operation:** Rapid cycling of pneumatic or hydraulic valves.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current capacity for the KAS-16D-R/Q?
    • ⤷ How do I wire a 24V PLC to this specific module?
    • ⤷ Does this model support Zero-Cross switching for AC loads?