Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KAS-AD-R

  • AI
    The **KAS-AD-R** typically refers to a specific series of **Active Diffusers** or electronic airflow control units often used in HVAC and Laboratory Air Management Systems (such as those manufactured by companies like *Krantz* or specialized lab vent providers). These units are designed to maintain precise air volume and distribution through integrated electronic sensing and actuation. --- ## 1. Core Electronic Components The KAS-AD-R functions as an integrated mechatronic system. Below are the primary electronic sub-assemblies: | Component | Function | Description | | :--- | :--- | :--- | | **Integrated Controller** | Logic Processing | A microprocessor-based board that processes signals from sensors and calculates the required damper position. | | **Actuator Motor** | Mechanical Drive | Usually a 24V DC or AC brushless motor that adjusts the diffuser blades or internal damper. | | **Position Feedback** | Signal Accuracy | A potentiometer or magnetic encoder that tells the controller the exact physical state of the blades. | | **Pressure Sensor** | Airflow Monitoring | A differential pressure transducer used to measure the "effective" pressure drop to calculate flow rates. | --- ## 2. Technical Specifications (Typical) Electronic interfaces for these units generally follow industrial automation standards: ### Electrical Power * **Supply Voltage:** 24V AC/DC (Standard for HVAC controls). * **Power Consumption:** Typically 2W to 5W during movement; <1W on standby. ### Communication & Control * **Analog Control:** 0-10V DC or 4-20mA signals for setpoint adjustment. * **Digital Bus:** Many models support **BACnet MS/TP** or **Modbus RTU** for integration into Building Management Systems (BMS). * **Feedback Signal:** 0-10V output representing actual airflow or blade position. --- ## 3. Operational Logic The electronic parts work in a closed-loop system: 1. **Input:** The BMS sends a 0-10V signal representing the desired air volume. 2. **Sensing:** The internal electronics measure the current duct pressure. 3. **Calculation:** The controller compares the setpoint with the actual sensor data. 4. **Action:** The actuator moves the "AD" (Active Diffuser) components to increase or decrease the opening. 5. **Reporting:** The unit sends a feedback signal back to the central hub confirming the action. --- ## 4. Maintenance and Troubleshooting When dealing with the electronic side of the KAS-AD-R, focus on these areas: * **Wiring Terminals:** Ensure the 24V supply and 0-10V control lines are not swapped, as this can damage the logic board. * **Calibration:** Electronic units may require a "Zero Point" calibration of the pressure sensor during commissioning. * **LED Indicators:** Most units feature diagnostic LEDs to indicate power status, communication errors, or mechanical jams.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the pressure sensor in a KAS-AD-R unit?
    • ⤷ What are the common error codes for the integrated controller?
    • ⤷ Can the KAS-AD-R be converted from analog to BACnet control?