KBPC1
AI

The **KBPC1** series is a popular family of single-phase **bridge rectifiers**. These electronic components are used to convert Alternating Current (AC) into Direct Current (DC) by utilizing four internal diodes arranged in a bridge configuration.
---
### 1. Key Technical Specifications
The "KBPC1" prefix typically refers to the physical form factor and a base current rating of **1 Ampere** or **3 Amperes** (depending on the specific manufacturer), though the suffix determines the voltage rating.
| Parameter | Common Range | Notes |
| :--- | :--- | :--- |
| **Forward Current ($I_F$)** | 1A to 3A | Continuous average rectified current |
| **Peak Reverse Voltage ($V_{RRM}$)** | 50V to 1000V | Maximum voltage it can block |
| **Forward Voltage Drop ($V_F$)** | ~1.1V | Voltage lost per diode |
| **Operating Temperature** | -55°C to +150°C | Standard industrial range |
| **Mounting Type** | Through-hole | Circular or square plastic casing |
---
### 2. Suffix and Voltage Ratings
The numbers following the "1" indicate the maximum repetitive peak reverse voltage.
| Part Number | Max RMS Voltage | Max Peak Reverse Voltage |
| :--- | :--- | :--- |
| KBPC101 | 35V | 50V |
| KBPC104 | 280V | 400V |
| KBPC106 | 420V | 600V |
| KBPC110 | 700V | 1000V |
---
### 3. Pinout and Internal Construction
The KBPC1 usually features four leads emerging from a small, plastic encapsulated body.
* **AC Pins (~):** Two pins where the input AC transformer leads are connected.
* **Positive (+) Pin:** The output pin for the rectified positive DC signal.
* **Negative (-) Pin:** The output pin for the DC ground/return.
#### Internal Schematic
```text
AC (In)
|
+----|----+
| | |
-|>|--+--|<|- (+) DC Out
| | |
+----|----+
|
AC (In)
```
---
### 4. Common Applications
* **Power Supplies:** Converting wall outlet AC (via a transformer) to DC for small electronics.
* **Battery Chargers:** Charging lead-acid or NiMH batteries from an AC source.
* **LED Drivers:** Providing steady DC for lighting arrays.
* **General Purpose:** Protecting circuits against reverse polarity or converting low-voltage signals.
- ⤷How do I choose between a KBPC104 and a KBPC110 for my project?
- ⤷ What is the difference between the KBPC and the GBPC series?
- ⤷ Do I need a heatsink for a KBPC1 series bridge rectifier?