Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KCE-1B-R

  • AI
    ## Understanding the KCE-1B-R (Electromechanical Component) The **KCE-1B-R** typically refers to a specific series of **Current Transformers (CT)** or **Current Sensors**, commonly manufactured by companies like *Kingwills* or used in specific industrial power distribution and metering applications. --- ### 1. Component Classification The KCE-1B-R falls under the category of **Passive Inductive Components**. Its primary role is to scale down high primary currents to a lower, measurable secondary current. | Feature | Specification / Detail | | :--- | :--- | | **Component Type** | Current Transformer (CT) | | **Mounting Type** | PCB Mount or Chassis Mount (depending on variant) | | **Core Material** | High-permeability Silicon Steel or Ferrite | | **Output Type** | Analog (Current or Voltage via burden resistor) | --- ### 2. Key Technical Characteristics The "1B" and "R" suffixes usually denote specific physical and electrical ratings: * **Accuracy Class:** Usually rated for 0.5 or 1.0 accuracy class, meaning it has a very low margin of error for revenue-grade metering. * **Insulation Voltage:** Typically rated for **2.5kV to 4kV** to ensure isolation between the high-voltage primary line and the low-voltage sensing circuitry. * **Operating Frequency:** Optimized for 50Hz/60Hz power systems. * **Phase Shift:** Minimal phase displacement, which is critical for accurate Power Factor (PF) calculations. --- ### 3. Electronic Functional Blocks To use the KCE-1B-R in a digital circuit (like an Arduino or ESP32), the following electronic stages are required: #### A. Burden Resistor Since a CT outputs a current, you must place a precision resistor across the secondary terminals to convert that current into a measurable voltage ($V = I \times R$). #### B. DC Bias Circuit Most CT outputs are AC sine waves. Microcontrollers cannot read negative voltages. A voltage divider is used to "lift" the signal to a 2.5V center point. #### C. Typical Interface Circuitry ```cpp // Pseudocode for calculating RMS Current from Sensor float get_AC_Current() { int sensorValue = analogRead(CT_PIN); float voltage = (sensorValue * 5.0) / 1024.0; // Apply transformation ratio (e.g., 1000:1) float current = (voltage - 2.5) * calibrationFactor; return current; } ``` --- ### 4. Common Applications * **Smart Meters:** Measuring household energy consumption. * **Overload Protection:** Sensing if a motor is drawing too much current to trigger a relay. * **Power Quality Analyzers:** Monitoring harmonics and voltage sags/swells. * **Solar Inverters:** Measuring the current being fed back into the grid. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific transformation ratio for the KCE-1B-R model?
    • ⤷ How do I calculate the correct burden resistor value for this sensor?
    • ⤷ Can the KCE-1B-R be used for DC current sensing or only AC?