Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KCE-1F-R

  • AI
    The **KCE-1F-R** is an electrolytic power capacitor, commonly used in automotive audio systems and industrial electronics to stabilize voltage and handle peak current demands. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Capacitance** | 1.0 Farad (1,000,000 µF) | | **Working Voltage** | 16V DC | | **Surge Voltage** | 20V DC | | **Tolerance** | ±10% | | **ESR (Equivalent Series Resistance)** | < 0.0015Ω @ 120Hz | | **Operating Temperature** | -40°C to +95°C | --- ### Core Electronic Components The KCE-1F-R is not just a passive storage cell; it typically includes several integrated electronic parts to manage the high energy levels: #### 1. The Electrolytic Cell The heart of the unit consists of high-purity aluminum foils and an electrolyte paste. Because it has **1 Farad** of capacity, it can store a significant charge to prevent voltage drops when an amplifier draws sudden power (e.g., during a heavy bass hit). #### 2. Digital Voltage Display (PCB) Most models in this series feature an integrated PCB (Printed Circuit Board) that includes: * **LED/LCD Driver:** To display the real-time DC voltage of the system. * **Voltage IC:** Monitors the input and triggers an auto-on/off function based on voltage fluctuations. #### 3. Protection Circuitry * **Reverse Polarity Alarm:** An internal buzzer or LED that activates if the positive and negative terminals are connected incorrectly. * **Over-Voltage Protection:** A circuit that handles surges up to 20V to prevent the capacitor from venting or exploding. #### 4. Charging Resistor (External Accessory) Because a 1F capacitor has extremely low internal resistance, connecting it directly to a battery would cause a massive spark and potentially blow a fuse. It usually comes with a **pre-charge resistor** to limit the initial current flow during installation. --- ### Functional Role in a Circuit In a DC environment, the KCE-1F-R acts as a **buffer**. 1. **Filtering:** It smooths out the ripple current from the alternator. 2. **Peak Delivery:** When the power supply (battery) cannot react fast enough to a transient load, the capacitor discharges its stored energy instantly. 3. **Voltage Stabilization:** It maintains a steady 12.6V - 14.4V range, preventing headlights from flickering and ensuring the amplifier produces clean sound. ---
    ✨ Follow-up Questions
    • ⤷ How do you safely pre-charge a 1 Farad capacitor before installation?
    • ⤷ What is the difference between a 1F capacitor and a 2F capacitor in terms of performance?
    • ⤷ What are the common failure symptoms of the KCE-1F-R?