Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KCEZ-A5-R

  • AI
    The **KCEZ-A5-R** is a specific electronic hardware component, typically identified as a **Card Edge Connector** (often associated with manufacturers like KEL Corporation). These connectors are designed to interface printed circuit boards (PCBs) by allowing a daughter card to be inserted into a slot on a mother board. --- ### 1. General Specifications The KCEZ series is known for high-density interconnectivity. Below are the typical electronic and mechanical characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Connector Type** | Card Edge / Slot Connector | | **Pitch** | 1.27mm (0.050") | | **Number of Pins** | 100 Pins (Standard for A5-R variant) | | **Mounting Type** | Through-hole (Right Angle or Vertical) | | **Contact Plating** | Gold over Nickel | | **Current Rating** | 1.0A per contact | | **Voltage Rating** | 250V AC/DC | --- ### 2. Key Electronic Components & Materials The performance of the KCEZ-A5-R relies on several critical material properties: * **Contacts (Phosphor Bronze):** Provides excellent electrical conductivity while maintaining the mechanical "spring" needed to hold the inserted card firmly. * **Insulator (LCP or PBT):** High-temperature plastic that ensures no electrical leakage between pins (high dielectric strength). * **Polarization Key:** A physical notch used to ensure the external board is inserted in the correct orientation, preventing short circuits. --- ### 3. Connection Pinout Logic While the specific pinout depends on the PCB it is soldered to, the internal architecture follows this logic: ```c // Conceptual Pin Mapping Row_A[1...50] -> Signal / Ground / Power Row_B[1...50] -> Signal / Ground / Power ``` --- ### 4. Common Applications * **Industrial Automation:** Connecting PLC expansion modules. * **Legacy Computing:** Interfacing proprietary expansion cards or memory modules. * **Telecommunications:** Used in rack-mounted switching equipment for modular upgrades. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the A5-R variant versus other KCEZ models?
    • ⤷ Is the KCEZ-A5-R compatible with modern PCI or PCIe standards?
    • ⤷ What are the soldering temperature requirements for the LCP insulator used in this part?