Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KCEZ-AC-R

  • AI
    The **KCEZ-AC-R** is an electronic component primarily associated with **HVAC control systems**, specifically designed as a control board for ceiling cassette air conditioning units. It functions as the "brain" of the indoor unit, managing communication between the user interface, sensors, and the mechanical components. --- ### 1. Technical Specifications Overview | Component Feature | Description | | :--- | :--- | | **Device Type** | Indoor Unit Main Control PCB | | **Power Input** | AC 220V - 240V (Typical) | | **Supported Units** | Ceiling Cassette AC Systems | | **Connectivity** | Wired Remote / IR Receiver Port | | **Safety Features** | Integrated Fuse and Varistor protection | --- ### 2. Core Electronic Sub-systems The board is composed of several critical circuits that work in tandem to regulate the indoor environment: #### A. Power Supply Section This area converts high-voltage AC input into low-voltage DC (usually 12V and 5V) to power the onboard microcontroller and sensors. It typically includes: * **Step-down Transformer/Switching IC:** Regulates voltage levels. * **Electrolytic Capacitors:** Filters power ripple for stable operation. #### B. Microcontroller (MCU) The MCU is the central processor that executes the pre-programmed logic. It monitors: * **Room Temperature (Thermistor):** Decides when to signal the outdoor compressor to start/stop. * **Pipe Temperature:** Prevents freezing or overheating of the coils. #### C. Actuator Drivers (Relays & Ports) The KCEZ-AC-R utilizes relays or solid-state switches to control high-voltage mechanical parts: * **Fan Motor Port:** Controls the multi-speed indoor fan. * **Swing Motor Port:** Drives the stepper motors for the air louvers. * **Condensate Pump Connector:** Operates the water lift pump to remove moisture. #### D. Communication Interface It features a dedicated terminal block for communication with the **Outdoor Unit (ODU)**. This is usually a digital signal line that synchronizes the compressor speed with the indoor cooling demand. --- ### 3. Common Maintenance Indicators If this board fails, the following symptoms are typically observed: 1. **Communication Errors:** The AC displays a fault code (e.g., E1 or E2) indicating a loss of signal between units. 2. **Unresponsive Louvers:** The swing motors fail to move despite the unit being on. 3. **Short-Cycling:** The unit shuts down immediately after starting due to faulty sensor readings.
    ✨ Follow-up Questions
    • ⤷What are the specific error codes associated with the KCEZ-AC-R board?
    • ⤷ How do I test the condensate pump relay on this PCB?
    • ⤷ Is the KCEZ-AC-R compatible with universal AC remote kits?