Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KCK-1E-R

  • AI
    ### Overview of the KCK-1E-R The **KCK-1E-R** typically refers to a specific series of **radial leaded ceramic disc capacitors**. These components are fundamental passive electronic parts used primarily for decoupling, filtering, and bypassing in various electronic circuits. --- ### Technical Specifications The alphanumeric code "KCK-1E-R" provides information about its physical and electrical characteristics. Below is a breakdown of the typical specifications associated with this part: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Ceramic Disc Capacitor | | **Lead Style** | Radial (two leads extending from the bottom) | | **Voltage Rating (1E)** | Usually corresponds to **25V DC** (EIA standard code) | | **Capacitance Range** | Varies (check specific numerical suffix, e.g., 102, 103) | | **Tolerance** | Generally ±10% (K) or ±20% (M) | | **Dielectric Material** | Often Class II (General purpose) | --- ### Key Internal Components 1. **Ceramic Dielectric:** A thin disk of ceramic material acts as the insulator. The composition determines the temperature stability and capacitance value. 2. **Electrodes:** Metallic layers (usually silver) are deposited on both sides of the ceramic disk to form the conductive plates. 3. **Lead Wires:** Tinned copper or steel wires are soldered to the electrodes for PCB mounting. 4. **Coating:** A protective epoxy resin or wax coating protects the internal disk from moisture and mechanical damage. --- ### Common Applications * **Bypassing:** Diverting high-frequency noise to the ground to protect sensitive ICs. * **Coupling:** Allowing AC signals to pass while blocking DC components between circuit stages. * **Filtering:** Used in power supplies to smooth out voltage fluctuations. * **EMI Suppression:** Reducing electromagnetic interference in consumer electronics. --- ### Code Identification (Standard EIA) When reading the markings on a KCK-1E-R part, look for these markers: * **1E:** Indicates the Rated Voltage (25 Volts). * **Numbers (e.g., 103):** The first two digits are significant; the third is the multiplier (e.g., $10 \times 10^3$ pF = 10nF). * **Suffix R:** Often denotes **RoHS Compliance** (Restriction of Hazardous Substances), indicating the part is lead-free.
    ✨ Follow-up Questions
    • ⤷ What is the capacitance value printed on your specific KCK-1E-R component?
    • ⤷ How does a ceramic disc capacitor differ from an electrolytic capacitor?
    • ⤷ What are the temperature coefficient ratings for the KCK series?