Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KD-3SLN-R

  • AI
    The **KD-3SLN-R** is a specific model of a **magnetic proximity sensor** (often referred to as a reed switch or cylinder sensor), typically used in industrial automation to detect the position of pneumatic cylinders. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications This sensor is designed to interface with PLC (Programmable Logic Controller) systems and relay logic. | Parameter | Specification | |:---|:---| | **Switching Logic** | Solid State (NPN Output) | | **Operating Voltage** | 10 ~ 28V DC | | **Switching Current** | 50mA Max. | | **Voltage Drop** | 0.5V @ 50mA | | **Indicator Lamp** | Red LED (Lights up when triggered) | | **Response Frequency** | 1000 Hz | | **Protection Class** | IP67 (Water/Dust resistant) | --- ## 2. Internal Electronic Construction The KD-3SLN-R is a **solid-state** sensor, meaning it does not have moving mechanical parts (unlike traditional reed switches). This increases its lifespan and reliability. ### Key Components: 1. **Hall Effect Element:** The primary sensing component. It detects the presence of a magnetic field (usually a magnet integrated into the piston of a cylinder). 2. **NPN Transistor:** Acts as the switching element. When the magnetic field is detected, the transistor completes the circuit to the negative (ground) rail. 3. **LED Circuit:** A small Red Light Emitting Diode wired in parallel with the output to provide visual confirmation of the switch state. 4. **Reverse Polarity Protection:** Internal diodes that prevent the sensor from burning out if the positive and negative wires are accidentally swapped. --- ## 3. Wiring Diagram (3-Wire System) The "N" in the model name usually signifies **NPN** logic. It utilizes a standard 3-wire color code: | Wire Color | Function | Connection | |:---|:---|:---| | **Brown** | V+ | Connect to +12V or +24V DC | | **Blue** | 0V / GND | Connect to Power Supply Common | | **Black** | Output (Signal) | Connect to PLC Input (Sinking) | --- ## 4. Application and Mounting * **Mounting:** The "SL" designation often refers to the sensor's physical shape, designed to fit into a **T-Slot** or **C-Slot** groove on the side of an aluminum pneumatic cylinder. * **Sensitivity:** The sensor is tuned to a specific Gauss rating to ensure it only triggers when the cylinder piston is exactly aligned with the sensor body.
    ✨ Follow-up Questions
    • ⤷ How do I test a KD-3SLN-R with a multimeter?
    • ⤷ What is the difference between NPN and PNP versions of this sensor?
    • ⤷ Can this sensor be used with AC voltage?