Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-0A-R

  • AI
    The **KFS-0A-R** is an electronic component primarily classified as a **Tactile Switch** (specifically a surface-mount or through-hole push button). These components are ubiquitous in consumer electronics for providing user input and tactile feedback. --- ### 1. Key Technical Specifications The following table summarizes the typical electrical and mechanical properties associated with the KFS series switches: | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Momentary Push Button | | **Contact Arrangement** | SPST (Single Pole, Single Throw) | | **Current Rating** | 50mA @ 12V DC | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (100V DC) | | **Operating Force** | 160gf to 250gf (Standard) | | **Lifecycle** | 50,000 to 100,000 cycles | --- ### 2. Internal Components and Construction The KFS-0A-R consists of several critical layers that ensure reliable electrical connection and physical durability: * **The Actuator (Stem):** The physical button that the user presses. In the "R" variant, this is often a specific height or material (like rubber or hard plastic) to match enclosure designs. * **Contact Dome:** A precision-engineered metal disc. When pressed, it collapses to complete the circuit between the terminals and provides the "click" sound and feel. * **Base (Housing):** Usually made of high-temperature thermoplastic (LCP or PBT) to withstand soldering temperatures during PCB assembly. * **Terminals:** Copper alloy pins, often silver or gold-plated to prevent oxidation and ensure low contact resistance. --- ### 3. Circuit Integration In an electronic circuit, the KFS-0A-R acts as a simple bridge. Below is a representation of how it is typically interfaced with a microcontroller (MCU): ```cpp // Typical Arduino Logic for a Tactile Switch (KFS-0A-R) const int buttonPin = 2; // Pin connected to switch int buttonState = 0; // Variable for reading status void setup() { pinMode(buttonPin, INPUT_PULLUP); // Uses internal resistor } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed (circuit closed to GND) } } ``` --- ### 4. Common Applications Due to its compact footprint and reliability, this part is found in: 1. **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. 2. **Computing:** Reset buttons on motherboards or power buttons on monitors. 3. **Industrial:** Interface panels for PLC (Programmable Logic Controllers).
    ✨ Follow-up Questions
    • ⤷What is the difference between the KFS-0A-R and other tactile switch variants?
    • ⤷ How do I calculate the debouncing time for this specific switch?
    • ⤷ Is the KFS-0A-R suitable for automated SMT assembly?