Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-1D-R

  • AI
    ## Analysis of the KFS-1D-R Electronic Component The **KFS-1D-R** is a specific model of a **Miniature Foot Switch** (or foot-operated pedal) commonly manufactured by companies like **Kacon**. These are primarily used as industrial control switches for hands-free operation of machinery or electronic systems. --- ### 1. Basic Specifications The electronic architecture of the KFS-1D-R revolves around its internal microswitch. | Feature | Specification | | :--- | :--- | | **Contact Type** | 1c (SPDT - Single Pole Double Throw) | | **Rated Voltage** | 250V AC | | **Rated Current** | 10A (Resistive Load) | | **Action** | Momentary (Spring Return) | | **Body Material** | Reinforced Plastic (ABS/Polycarbonate) | | **Color** | Red (indicated by the "-R" suffix) | --- ### 2. Internal Electronic Configuration The device functions as a physical interface for an internal **Micro Switch**. The "1c" contact arrangement allows for two modes of operation: * **Normally Open (NO):** The circuit is completed only when the pedal is pressed. * **Normally Closed (NC):** The circuit is interrupted when the pedal is pressed. * **Common (COM):** The shared terminal for the input power/signal. ### 3. Wiring Diagram (Logic) The internal terminals are typically wired as follows: ```text [COM] / / (OFF) /---- [NC] (Normally Closed) | (ON) ---- [NO] (Normally Open) ``` --- ### 4. Key Electronic Components * **Micro Switch Module:** The heart of the unit, usually a high-durability snap-action switch designed for millions of mechanical cycles. * **Built-in Cable:** Standard models usually come with a 2-meter, 3-wire cable (Black, White, Red or similar color coding for COM, NO, NC). * **Protection Rating:** Usually rated at **IP40** (Indoor use). It does not feature heavy waterproofing, so the electronic contacts should be protected from moisture. --- ### 5. Common Applications Due to its 10A rating, it can directly control small motors or act as a signal trigger for: 1. **Industrial Machinery:** Toggling sewing machines, cutters, or presses. 2. **Medical Equipment:** Controlling imaging or dental tools. 3. **Security Systems:** Hidden alarm triggers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the KFS-1D-R and the KFS-1D-G model?
    • ⤷ Can this switch be used to control a DC motor directly?
    • ⤷ What are the specific wire color codes for the Kacon KFS series?