Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-2A-R/Q

  • AI
    The **KFS-2A-R/Q** typically refers to a specific series of **Mechanical Keyboard Switches**, commonly produced by manufacturers like Kailh (Kaihua) or utilized in specific custom mechanical keyboard PCBs. --- ### 1. Component Overview The KFS-2A-R/Q is a mechanical switch assembly designed to register a keystroke through physical contact. Unlike membrane keys, these use individual spring-loaded mechanisms. | Specification | Details | | :--- | :--- | | **Component Type** | Tactile/Linear Mechanical Switch | | **Mounting Type** | Through-hole (DIP) or Surface Mount (SMD) compatible | | **Pin Configuration** | 2-Pin (Signal) + 1-2 Stabilizing Pins | | **Operating Force** | Typically 45gf - 60gf | | **Lifecycle** | 50 million to 80 million cycles | --- ### 2. Internal Electronic Structure The "electronic" side of the switch is relatively simple but relies on precision metallurgy to ensure signal integrity (debounce). #### Key Parts: * **Stationary Contact:** A copper alloy plate fixed to the base. * **Movable Contact:** A flexible leaf spring that moves when the stem is depressed. * **Gold Crosspoints:** The contact points are often plated with gold to prevent oxidation and ensure a low-resistance electrical connection. * **Return Spring:** Determines the resistance and ensures the circuit opens immediately when the key is released. --- ### 3. Circuit Integration In a PCB environment, the KFS-2A-R/Q acts as a **Momentary Normally Open (NO) Switch**. ```cpp // Typical Arduino/Microcontroller logic for reading this switch const int switchPin = 2; void setup() { pinMode(switchPin, INPUT_PULLUP); // Uses internal resistor to keep signal HIGH } void loop() { int state = digitalRead(switchPin); if (state == LOW) { // Switch is pressed, circuit completed to Ground } } ``` --- ### 4. Technical Nomenclature (R/Q Suffix) The suffix in these part numbers usually denotes specific physical or electrical variations: * **-R:** Often signifies **Reel** packaging (for automated SMD assembly) or a specific **Red** (Linear) stem type. * **-Q:** Often refers to **Quality/Quiet** variants or specific tactile feedback modifications (sometimes indicating a "Clicky" or "Blue" equivalent in certain Chinese manufacturing catalogs). ---
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the KFS-2A series?
    • ⤷ How does the 'R' variant differ from the 'B' variant in this series?
    • ⤷ What is the recommended debouncing time for these switches in firmware?