Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-3D-R/Q

  • AI
    Based on technical specifications for the **KFS-3D-R/Q** series, these devices are high-precision **three-axis fluxgate magnetic sensors** (magnetometers). They are primarily used for measuring weak static and alternating magnetic fields with high stability. --- ## 1. Core Electronic Components & Architecture The KFS-3D-R/Q system is composed of several critical electronic stages to convert physical magnetic flux into a usable electrical signal. ### A. Fluxgate Sensor Head The "R" and "Q" variants refer to different form factors (Rectangular vs. Square/Cylindrical). Inside these heads are: * **Magnetic Cores:** High-permeability soft magnetic material. * **Excitation Coils:** Driven by an AC current to periodically saturate the core. * **Pick-up (Secondary) Coils:** Detect the second harmonic of the excitation frequency, which is proportional to the external magnetic field. ### B. Signal Processing Electronics The sensor usually interfaces with a drive/detection circuit characterized by: * **Excitation Oscillator:** Generates a stable frequency (typically around 10kHz - 20kHz) to drive the cores. * **Phase-Sensitive Detector (PSD):** Acts as a synchronous demodulator to extract the magnetic field information from the pick-up coils. * **Integrator/Feedback Loop:** Uses a feedback coil to create a counter-field, ensuring the sensor operates in a "null-field" mode for maximum linearity. --- ## 2. Technical Specifications Table | Parameter | Specification (Typical) | | :--- | :--- | | **Measurement Axes** | X, Y, Z (Three-axis) | | **Measuring Range** | ±100 µT to ±1000 µT (Model dependent) | | **Resolution** | < 0.1 nT | | **Bandwidth** | DC to 1 kHz (or higher depending on electronics) | | **Output Type** | Analog Voltage (Differential or Single-ended) | | **Supply Voltage** | ±12V to ±15V DC | --- ## 3. Key Electronic Characteristics ### Orthogonality and Alignment The electronics are calibrated to ensure the three axes are perfectly perpendicular. The **KFS-3D** series is known for low cross-talk between the X, Y, and Z channels, typically achieved through precise physical winding and electronic compensation. ### Low Noise Floor The electronic design focuses on minimizing 1/f noise. This makes the KFS-3D series suitable for: * Geomagnetic surveys. * Magnetic signature measurements. * Compass calibration for aerospace. ### Environmental Shielding The "R/Q" models are often ruggedized. The electronic housing provides EMI (Electromagnetic Interference) shielding to prevent external radio frequencies from corrupting the low-level analog signals generated by the fluxgate coils. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the KFS-3D-R and the KFS-3D-Q models?
    • ⤷ How do I interface the analog output of the KFS-3D with a digital microcontroller?
    • ⤷ What is the power consumption profile for these sensors in field applications?