Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-64-R

  • AI
    The **KFS-64-R** is a high-performance, compact **Fiber Optic Rotary Joint (FORJ)**. Unlike traditional electrical slip rings that use brushes to transfer signals, this device uses optical technology to transmit high-speed data across a rotating interface without physical contact. ### 1. Technical Specifications Overview The following table summarizes the key electronic and optical characteristics of the KFS-64-R: | Parameter | Specification | | :--- | :--- | | **Fiber Type** | Single-mode (SM) or Multi-mode (MM) | | **Channel Count** | 1 Channel (Single-pass) | | **Wavelength Range** | 1310 nm to 1550 nm (typical) | | **Insertion Loss** | < 2.0 dB (Max) | | **Insertion Loss Ripple** | < 0.5 dB | | **Return Loss** | > 40 dB (typical) | | **Max Rotation Speed** | Up to 2000 RPM | | **Connector Types** | FC, SC, ST, or LC (PC/APC) | --- ### 2. Core Electronic and Optical Components #### A. Optical Fiber Interface The device features fiber optic "pigtails" (small lengths of fiber) on both the stationary (stator) and rotating (rotor) ends. Because it is an **optical** part, there are no copper wires involved in the signal transmission. It relies on the total internal reflection of light to carry data. #### B. High-Precision Lens System Inside the KFS-64-R, there are typically **Collimating Lenses**. * **Function:** These lenses take the light exiting the fiber and turn it into a straight, parallel beam (collimated beam). * **Rotation:** This beam passes through the mechanical rotating gap and is then refocused by a second lens into the receiving fiber. #### C. Mechanical Housing (RF Shielding Equivalent) While not "electronic" in the sense of circuitry, the stainless steel or aluminum housing provides: * **EMI/RFI Immunity:** Since it transmits light, the signal is 100% immune to electromagnetic interference, which is a major advantage over electronic slip rings. * **Sealing:** Often rated for IP65 or higher to protect the optical alignment from dust and moisture. --- ### 3. Key Applications Because the KFS-64-R handles high bandwidth with zero electrical noise, it is used in: 1. **Radar Systems:** Transmitting high-speed sensor data from a rotating antenna. 2. **Medical Imaging:** Used in CT scanners where the X-ray gantry rotates at high speeds. 3. **ROVs (Remotely Operated Vehicles):** Managing fiber optic tethers on cable reels. 4. **Wind Turbines:** Passing blade sensor data to the main nacelle controller. --- ### 4. Comparison: FORJ vs. Electrical Slip Ring | Feature | KFS-64-R (FORJ) | Standard Slip Ring | | :--- | :--- | :--- | | **Signal Type** | Light (Photons) | Electricity (Electrons) | | **Data Rate** | Nearly Unlimited (Gbps/Tbps) | Limited by bandwidth/noise | | **Lifespan** | Very High (No friction) | Moderate (Brush wear) | | **EMI Sensitivity** | Totally Immune | Susceptible |
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the KFS-64-R?
    • ⤷ Can this unit be combined with a traditional electrical slip ring?
    • ⤷ How does 'Insertion Loss Ripple' affect signal quality during rotation?