Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-6D-R

  • AI
    ## Overview of the KFS-6D-R The **KFS-6D-R** is a specific model of a **Keypad/Push-Button Switch** or **Membrane Control Interface**, often utilized in industrial control panels, medical equipment, or security systems. It is characterized by its 6-button layout and compact design. --- ### Technical Specifications and Components The electronic and physical characteristics of the KFS-6D-R are outlined in the table below: | Feature | Specification | | :--- | :--- | | **Number of Keys** | 6 (3x2 or 6x1 configuration depending on chassis) | | **Contact Type** | Momentary Tactile Switch | | **Contact Material** | Gold-plated or Silver-plated (model dependent) | | **Max Voltage** | Typically 12V - 24V DC | | **Max Current** | 50mA | | **Circuit Type** | Common Cathode or Matrix (Matrix is standard) | | **Operating Force** | 1.5N to 2.5N | --- ### Internal Electronic Architecture The KFS-6D-R functions as an input peripheral. Its internal circuitry usually consists of the following electronic parts: 1. **Tactile Dome Switches:** Small metal domes located beneath the graphic overlay. When pressed, the dome collapses to bridge two traces on the PCB, completing the circuit. 2. **Flexible Printed Circuit (FPC) or PCB:** The base layer that routes the signals from the individual buttons to the output connector. 3. **Interface Connector:** Usually a **7-pin or 8-pin header** (depending on whether there is a common ground) that allows the unit to be plugged into a microcontroller (like an Arduino, ESP32, or PLC). 4. **Debouncing Resistors (Optional):** Some versions include internal SMD resistors to reduce electrical "noise" or "bounce" when a button is pressed, though most modern controllers handle this via software. --- ### Wiring Logic The KFS-6D-R typically uses a **Matrix Wiring** scheme to save on I/O pins. ```cpp // Example Arduino Pin Mapping for a 6-button interface const int row1 = 2; const int row2 = 3; const int col1 = 4; const int col2 = 5; const int col3 = 6; // Total pins used: 5 pins to control 6 buttons ``` --- ### Applications * **Security Keypads:** Entry code systems. * **Industrial Machinery:** Start/Stop/Reset functions. * **Medical Devices:** Mode selection panels. * **Home Automation:** Wall-mounted scene controllers.
    ✨ Follow-up Questions
    • ⤷What is the pinout diagram for the KFS-6D-R connector?
    • ⤷ How do I implement hardware debouncing for this specific switch?
    • ⤷ Is the KFS-6D-R rated for IP65 water resistance?