Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-AB-R/

  • AI
    The **KFS-AB-R** is a specific electronic sub-assembly, most commonly identified as a **High-Voltage Rectifier/Filter Board** used in specialized industrial or medical equipment (such as medical imaging systems or high-power power supplies). Below is a breakdown of the typical electronic components and functions associated with this part. --- ### 1. Component Overview The KFS-AB-R serves as an interface between an AC input (or high-frequency transformer output) and a DC output. Its primary job is **rectification** and **surge suppression**. | Component Type | Common Part Numbers/Specs | Function | | :--- | :--- | :--- | | **Diodes / Rectifiers** | High-Voltage Silicon Diodes | Converts AC voltage into pulsating DC. | | **Capacitors** | High-Voltage Film or Ceramic | Smooths voltage ripples and filters high-frequency noise. | | **Resistors** | Power Bleeder Resistors | Discharges capacitors safely when power is turned off. | | **Connectors** | Multi-pin Header (often 2-4 pins) | Provides the physical interface for input/output leads. | | **PCB Material** | FR-4 with High Creepage Distance | Prevents electrical arcing between high-voltage traces. | --- ### 2. Key Electronic Functions #### A. Rectification The board typically utilizes a **Bridge Rectifier** configuration. In high-voltage applications (like those involving X-ray tubes or laser power supplies), several diodes are often placed in series within the "KFS" module to handle peak inverse voltages (PIV) that exceed the rating of a single diode. #### B. Filtering and Smoothing The "R" in the suffix often denotes a specific Revision or a Resistor-based filtering stage. Capacitors on this board eliminate the "ripple" from the rectified AC, providing a more stable DC constant to the load. #### C. Protection Circuits Many variations of the KFS-AB-R include: * **MOV (Metal Oxide Varistors):** To protect against voltage spikes. * **Snubber Circuits:** To reduce electromagnetic interference (EMI) and protect the diodes from rapid voltage changes ($dv/dt$). --- ### 3. Technical Specifications (General Range) *Note: Specific values vary by manufacturer (e.g., Toshiba, Shimadzu, or specialized power brands).* * **Operating Voltage:** Often rated for several Kilovolts (kV). * **Current Rating:** Usually in the Milliampere (mA) range for control signals or low-power HV stages. * **Mounting:** Through-hole components on a rigid PCB, often coated with an insulating lacquer to prevent moisture-induced shorts. --- ### 4. Safety Warning The KFS-AB-R is a **High-Voltage component**. Even after power is disconnected, the onboard capacitors can hold a lethal charge. 1. Always use a discharge tool before touching the board. 2. Check for physical signs of failure: bulging capacitors, charred resistors, or "arcing" marks on the PCB substrate.
    ✨ Follow-up Questions
    • ⤷ What specific device or machine is this KFS-AB-R board installed in?
    • ⤷ Are you looking for a pinout diagram for this specific revision?
    • ⤷ Do you need a list of equivalent replacement diodes for this board?