Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-BD-R

  • AI
    The **KFS-BD-R** refers to a high-speed, brushless DC (BLDC) motor driver/pump controller system, frequently used in precision laboratory equipment, peristaltic pumps, or automated dispensing systems. Below is a breakdown of the electronic components and technical specifications associated with this type of controller. --- ### 1. Core Electronic Components The KFS-BD-R integrated circuit board typically consists of the following functional blocks: | Component Category | Description | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes speed signals (PWM) and manages motor commutation logic. | | **Power MOSFETs** | High-speed switching transistors used to drive the three phases of the BLDC motor. | | **Hall Effect Sensors** | Integrated sensors (or inputs for external sensors) to detect rotor position for synchronized movement. | | **Voltage Regulator** | Steps down the input voltage (usually 12V or 24V) to 5V or 3.3V for the logic circuits. | | **Protection Circuitry** | Includes Over-Current Protection (OCP), Over-Voltage Protection (OVP), and thermal shutdown features. | --- ### 2. Technical Specifications The "BD-R" suffix generally denotes a **Brushless Driver with Reversible** capabilities. * **Input Voltage:** Typically 12V DC or 24V DC. * **Control Signal:** Supports **PWM (Pulse Width Modulation)** for speed regulation. * **Feedback Output:** Usually provides a **FG (Frequency Generator)** signal to monitor actual RPM. * **Direction Control:** A dedicated high/low logic pin to switch between clockwise (CW) and counter-clockwise (CCW) rotation. --- ### 3. Wiring Interface (Standard 5-Wire Setup) Most KFS-BD-R modules utilize a standardized wiring harness for integration: ```markdown 1. Red (VCC): Positive Power Supply (e.g., +24V) 2. Black (GND): Ground / Negative Terminal 3. White (PWM): Speed control input (0-5V signal) 4. Yellow (FG): Speed feedback (Pulse output) 5. Orange (DIR): Direction control (GND for CW, VCC for CCW) ``` --- ### 4. Key Electronic Advantages * **Brushless Technology:** Since there are no physical brushes, the electronic commutation reduces electromagnetic interference (EMI) and extends the motor's lifespan significantly. * **Precision Control:** The integrated driver allows for very low-speed stability, which is critical for dosing applications. * **Safety Features:** The board is designed to shut down if the pump head is jammed, preventing the motor coils from burning out. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a PWM signal to the KFS-BD-R for speed control?
    • ⤷ What is the maximum current rating for this specific driver board?
    • ⤷ Can this controller be used with a PLC or Arduino?