Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-D4-R

  • AI
    The **KFS-D4-R** is an electronic component typically associated with **stepper motor drive modules** or **high-power switching circuits**, often used in industrial automation, robotics, and CNC applications. Below is a detailed breakdown of its electronic characteristics and functional components. --- ## 1. Core Technical Specifications The KFS-D4-R serves as an interface and control module. Its primary purpose is to bridge the gap between low-voltage logic (like a PLC or Microcontroller) and high-power actuators. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage (Logic)** | 5V to 24V DC | | **Output Type** | Relay or Transistor (depending on sub-variant) | | **Channel Count** | 4 Channels (denoted by the "D4") | | **Mounting Style** | DIN Rail Mounting | | **Isolation** | Optocoupler (Galvanic Isolation) | --- ## 2. Key Electronic Internal Parts ### A. Optocouplers (Isolation Layer) The "R" in the suffix often implies a ruggedized or relay-integrated version. The input side uses optocouplers to prevent electrical noise from the motor/load side from damaging the control logic (PLC/MCU). ### B. Status LEDs Each of the 4 channels typically features a Surface Mount (SMD) LED. * **Purpose:** Visual diagnostic of which channel is currently receiving a signal. * **Part Type:** Usually 0805 or 1206 package red/green LEDs. ### C. Protection Circuitry To handle inductive loads (like motors or solenoids), the board contains: 1. **Flyback Diodes:** To prevent back-EMF spikes when a coil is deactivated. 2. **Varistors (ZNR):** To absorb high-voltage transients. 3. **Fuses:** Usually resettable (PTC) or glass-tube fuses for overcurrent protection. ### D. Terminal Blocks The "KFS" series is known for its heavy-duty screw terminals. * **Input Side:** Low-gauge wiring for logic signals. * **Output Side:** High-gauge wiring to accommodate the current draw of the connected load. --- ## 3. Pinout Logic Example If you are wiring the KFS-D4-R, the electronic layout generally follows this structure: ```markdown [ Logic Input + ] ----> [ Optocoupler ] ----> [ Driving Transistor/Relay ] ----> [ Output A ] [ Logic Input - ] ------------------------------------------------------------> [ Common/GND ] ``` ### Typical Connection Table | Terminal | Label | Function | | :--- | :--- | :--- | | **IN 1-4** | Signal Input | Receives 24V signal from PLC | | **COM** | Common | Ground or Power reference for inputs | | **OUT 1-4** | Load Output | Connects to the device being controlled | | **VCC/GND** | Power Supply | External power for the module's operation | --- ## 4. Application Context In the context of the **KFS-D4-R**, the electronic parts are designed for high duty cycles. It is frequently found in: * **Relay Isolation Boards:** Where one PLC output needs to trigger a much larger electrical load. * **Signal Conversion:** Converting NPN logic to PNP logic or vice-versa.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the KFS-D4-R output channels?
    • ⤷ How do I wire a PNP PLC output to this specific module?
    • ⤷ Does the KFS-D4-R support PWM high-speed switching?