Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-DA-R

  • AI
    The **KFS-DA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch** or a specific connector series depending on the manufacturer (most commonly associated with high-quality electronic switches or interface connectors). Below is an explanation of its electronic properties, construction, and typical use cases. --- ### 1. Key Specifications The electronic behavior of the KFS-DA-R is defined by its electrical ratings and physical interface. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch / Signal Connector | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Operating Force** | 1.6N to 2.5N (Model dependent) | | **Orientation** | Right Angle (indicated by "-R") | --- ### 2. Breakdown of Parts and Construction The "R" suffix in electronic part numbering almost always signifies a **Right Angle** orientation, meaning the component sits perpendicular to the PCB. 1. **Actuator/Stem**: The physical interface that the user presses. In the KFS series, this is usually designed for durability with a travel distance of 0.25mm to 0.5mm. 2. **Contact Dome**: A stainless steel or copper alloy dome that provides the "click" tactile feedback and completes the circuit when depressed. 3. **Terminal Leads**: Gold or tin-plated leads designed for Solder Reflow processes. 4. **Base/Housing**: High-temperature thermoplastic (LCP or Nylon) capable of withstanding lead-free soldering temperatures (up to 260°C). --- ### 3. Circuit Integration In a typical circuit, the KFS-DA-R functions as a **Normally Open (NO)** momentary switch. ```cpp // Example: Basic Debounce Logic for a Switch like KFS-DA-R const int switchPin = 2; int buttonState = 0; void setup() { pinMode(switchPin, INPUT_PULLUP); // Internal resistor keeps pin HIGH } void loop() { buttonState = digitalRead(switchPin); if (buttonState == LOW) { // Switch is pressed (circuit grounded) handleAction(); } } ``` --- ### 4. Common Applications Due to its small footprint and "Right Angle" design, it is frequently found in: * **Consumer Electronics**: Side buttons on smartphones or tablets (Power/Volume). * **Medical Devices**: Interface buttons on handheld diagnostic tools. * **Automotive**: Steering wheel controls or dashboard interface toggles. * **Industrial**: Reset switches on compact PCB modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the KFS-DA-R footprint?
    • ⤷ Is the KFS-DA-R rated for waterproof applications (IP67)?
    • ⤷ What is the life expectancy in cycles for this specific part?