Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-GA-R

  • AI
    The **KFS-GA-R** typically refers to a specific series of **optical fiber rotary joints (FORJ)** or high-precision optical sensors often used in industrial automation and communication systems. In most contexts, this part number is associated with components that allow for the transmission of optical signals across a rotating interface. Below is an explanation of the electronic and mechanical characteristics of such parts. --- ### 1. Key Technical Specifications The "Electronic" nature of these parts usually involves the conversion of light to electrical signals (or vice versa) and the maintenance of signal integrity during rotation. | Feature | Description | | :--- | :--- | | **Fiber Type** | Usually Single-mode (SM) or Multi-mode (MM) support. | | **Wavelength** | Typically operates at 1310nm or 1550nm for data transmission. | | **Insertion Loss** | Generally low (< 2.0 dB) to ensure signal strength. | | **Rotation Speed** | Designed for high-speed continuous rotation (e.g., up to 2000+ RPM). | | **Return Loss** | High return loss (> 40 dB) to prevent signal reflection issues. | --- ### 2. Main Electronic & Optical Components While the exterior is mechanical, the internal "electronic" functionality relies on precision optics: * **Collimators:** These lenses align the light beams entering and exiting the fiber to ensure they pass through the rotating air gap without dispersing. * **Precision Bearings:** These are critical to ensure that the electronic/optical signal does not "flicker" due to physical wobble (jitter). * **Housing Materials:** Often made of stainless steel or specialized alloys to provide EMI (Electromagnetic Interference) shielding for surrounding electronics. * **Connector Interface:** Usually equipped with standard FC, SC, or ST connectors for integration into a larger electronic circuit. --- ### 3. Applications The KFS-GA-R series and similar parts are used in environments where a stationary cable cannot be used due to constant spinning: 1. **Radar Systems:** Transmitting data from the rotating antenna to the stationary base. 2. **Medical Imaging:** Used in CT scanners where the X-ray gantry rotates rapidly. 3. **Robotics:** Allowing robotic arms to rotate 360 degrees without tangling communication wires. 4. **Wind Turbines:** Passing sensor data from the rotating blades to the nacelle. --- ### 4. Integration Considerations When integrating this part into an electronic system, consider the following: * **Signal Degradation:** Even though it is a "passive" part, the optical loss must be accounted for in the power budget of your transceivers. * **Environmental Sealing:** Most "R" designated parts (often standing for "Rugged" or "Refined") include IP65/IP67 ratings to protect internal optics from dust and moisture.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the KFS-GA-R series?
    • ⤷ How does insertion loss affect the total optical power budget in this component?
    • ⤷ Are there specific maintenance requirements for the optical interfaces in rotating joints?