Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KFS-H2-R/Q

  • AI
    The **KFS-H2-R/Q** typically refers to a specialized **Optical Pickup Unit (OPU)** or laser lens mechanism, most commonly used in automotive CD/DVD players (often found in Kenwood or JVC head units). Below is a breakdown of the electronic components and technical specifications associated with this part. --- ### 1. Key Electronic Components The KFS-H2-R/Q is an integrated optoelectronic assembly consisting of several critical parts: | Component | Function | | :--- | :--- | | **Laser Diode** | Emits a specific wavelength of light (usually 780nm for CD) to read data pits. | | **Photodiode IC** | Detects the reflected light from the disc and converts it into high-frequency (RF) electrical signals. | | **Focus/Tracking Coils** | Electromagnetic actuators that move the objective lens up/down (Focus) and side-to-side (Tracking). | | **Flexible Printed Circuit (FPC)** | The orange/brown ribbon cable that carries power and signals between the pickup and the main PCB. | | **Potentiometer** | A small variable resistor used to calibrate the laser power output (Sensitivity). | --- ### 2. Technical Specifications While specific datasheets for proprietary automotive parts are often restricted, the general characteristics of the KFS series include: * **Signal Type:** Analog RF output. * **Actuator Type:** 2-Axis (Focus and Tracking). * **Connection:** High-density FPC connector (usually 16 or 24 pins depending on the specific revision). * **Application:** Standard 12V Automotive Entertainment Systems. --- ### 3. Common Failure Modes Due to the electronic and mechanical nature of the part, it is prone to specific types of failure: 1. **Laser Degradation:** The laser diode loses intensity over time, leading to "No Disc" errors or skipping. 2. **Focus Coil Fatigue:** The fine copper wires in the actuator can break or lose elasticity due to heat and vibration in a car environment. 3. **Photodiode Contamination:** Dust or smoke film on the internal mirrors/sensors blocks the electrical signal from returning to the processor. --- ### 4. Maintenance and Handling > **Warning:** Electronic components in optical pickups are extremely sensitive to **Electrostatic Discharge (ESD)**. * **Solder Bridge:** New units often come with a "protection solder point" on the FPC to prevent ESD damage during shipping. This must be desoldered before the unit will function. * **Calibration:** The onboard potentiometer is factory-set. Adjusting it manually ("Tweak") is a temporary fix that usually leads to total diode burnout. ---
    ✨ Follow-up Questions
    • ⤷ How do I identify and remove the ESD protection solder bridge on this unit?
    • ⤷ What are the specific symptoms of a failing KFS-H2-R/Q laser?
    • ⤷ Are there compatible alternative models if the KFS-H2-R/Q is out of stock?