Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KGS152-R

  • AI
    The **KGS152-R** refers to a high-quality **Cermet Potentiometer** (specifically a skeleton-type, single-turn, carbon-film or cermet trimmer) often manufactured by companies like **KOA Speer** or similar electronic component vendors. These parts are primarily used for fine-tuning circuits during the manufacturing or calibration phase. --- ### 1. Technical Specifications The "KGS" series typically adheres to the following electronic parameters: | Parameter | Standard Value | | :--- | :--- | | **Model Code** | KGS152-R | | **Resistance Value** | 1.5 kΩ (1500 Ohms) | | **Tolerance** | ±10% to ±20% (Typical) | | **Power Rating** | 0.1W to 0.25W at 70°C | | **Max Operating Voltage** | 50V DC | | **Rotation Angle** | 240° ± 10° | | **Temperature Coefficient** | ±250 ppm/°C | --- ### 2. Physical Design & Composition The KGS152-R is a "Skeleton" style component, meaning it lacks a protective outer housing to save space and cost on the PCB. * **Substrate:** Ceramic base (Alumina) which provides excellent heat dissipation and stability. * **Resistive Element:** Cermet (Ceramic-Metal) or high-quality carbon film. Cermet offers better stability against humidity and temperature shifts. * **Adjustment Slot:** Features a cross-head or flat-head slot for screwdriver adjustment. * **Terminals:** Three pins designed for **Through-Hole Mounting (THT)**. * *Terminal 1 & 3:* Fixed resistance ends. * *Terminal 2:* The "Wiper" (adjustable output). --- ### 3. Application Use Cases Because this is a "Trimmer" (preset resistor), it is not meant for daily user interaction (like a volume knob). It is used for: 1. **Calibration:** Adjusting the gain of an operational amplifier. 2. **Voltage Dividers:** Fine-tuning the reference voltage in power supplies. 3. **Sensor Tuning:** Calibrating the threshold of a sensor circuit. 4. **LCD Contrast:** Adjusting the backlight or contrast level on small displays. --- ### 4. Circuit Diagram Representation In a schematic, the KGS152-R is represented as a standard variable resistor with three pins: ```text (1)-------[ Resistor ]-------(3) ^ | (2) Wiper ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between KGS152-R and a standard potentiometer?
    • ⤷ How do I calculate the output voltage if this is used as a voltage divider?
    • ⤷ What are the common failure modes for cermet trimmers?