Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KGS4D-R/Q

  • AI
    The **KGS4D-R/Q** refers to a specific series of **Phototransistor Output Optocouplers** (also known as Optoisolators) typically used in industrial automation, switching power supplies, and signal isolation. Below is a breakdown of its electronic components, specifications, and functions. --- ## 1. Internal Architecture An optocoupler like the KGS4D-R/Q consists of two main internal parts housed in a single package, linked only by light. | Component | Description | | :--- | :--- | | **Input Side (Emitter)** | An Infrared Light Emitting Diode (IR LED). | | **Output Side (Detector)** | A Silicon NPN Phototransistor. | | **Isolation Medium** | A transparent dielectric (usually silicone or resin) that blocks electricity but allows light to pass. | --- ## 2. Technical Specifications The "R/Q" suffix usually denotes the **Current Transfer Ratio (CTR)** rank or specific packaging variations. ### Key Electrical Parameters * **Isolation Voltage ($V_{iso}$):** Typically rated for **3,750V to 5,000Vrms**, protecting low-voltage circuits from high-voltage spikes. * **Forward Current ($I_f$):** Usually 5mA to 20mA to drive the internal LED. * **Collector-Emitter Voltage ($V_{ceo}$):** Often rated up to 80V. * **CTR (Current Transfer Ratio):** The ratio of output current to input current, usually ranging from 50% to 600% depending on the specific bin (R or Q). --- ## 3. Working Principle 1. **Input:** A current is applied to the input pins, lighting up the internal IR LED. 2. **Transmission:** The infrared light travels across the isolation gap. 3. **Reception:** The light hits the base of the phototransistor, causing it to become conductive. 4. **Output:** Electricity flows through the collector and emitter, completing the secondary circuit without any physical wire connection to the input. --- ## 4. Common Applications Due to its 4-pin design and reliable isolation, it is used in: * **Feedback Loops:** In Switch Mode Power Supplies (SMPS) to regulate voltage. * **PLC Interfaces:** Isolating programmable logic controllers from field sensors. * **Noise Suppression:** Preventing ground loops and electromagnetic interference (EMI) from damaging sensitive microcontrollers. --- ## 5. Equivalent/Alternative Parts If you are looking for replacements, the following parts often share similar footprints and characteristics: * **PC817 Series** (Sharp) * **EL817 Series** (Everlight) * **LTV-817** (Lite-On)
    ✨ Follow-up Questions
    • ⤷ What is the exact Current Transfer Ratio (CTR) for the 'R' vs 'Q' versions?
    • ⤷ How do I test if a KGS4D-R/Q is functioning correctly using a multimeter?
    • ⤷ What are the pinout configurations for this 4-pin optocoupler?