Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KIA7809AFSLASHAPI

  • AI
    ## Overview of the KIA7809AF/API The **KIA7809AF/API** is a three-terminal positive voltage regulator manufactured by KEC (Korea Electronics). It belongs to the 78xx series family, which is designed to provide a fixed, stable output voltage regardless of fluctuations in input voltage or load conditions. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Output Voltage ($V_{OUT}$)** | +9V DC | | **Max Input Voltage ($V_{IN}$)** | 35V DC | | **Output Current ($I_{OUT}$)** | Up to 1.0A (with proper heatsinking) | | **Operating Temperature** | -40°C to +125°C | | **Dropout Voltage** | ~2.0V (Typical) | | **Package Types** | TO-220, TO-220IS (Full Pack / API) | --- ### 2. Suffix Meanings (AF vs. API) The suffixes indicate the mechanical package and insulation properties: * **AF:** Usually refers to the standard TO-220 package or a specific surface-mount variant depending on the datasheet revision. * **API:** Typically refers to the **TO-220IS** (Isolating) package. This is a "Full Pack" where the metal tab is encapsulated in plastic. * **Benefit:** You can bolt it directly to a heatsink without needing a mica insulator or thermal pad for electrical isolation. --- ### 3. Pin Configuration When looking at the front of the device (pins pointing down): 1. **Pin 1 (Input):** Unregulated DC voltage input. 2. **Pin 2 (GND):** Common ground for both input and output. 3. **Pin 3 (Output):** Regulated +9V DC output. --- ### 4. Internal Protection Features The KIA7809 series is robust because it includes three primary internal protection circuits: * **Internal Thermal Overload Protection:** Shuts down the device if it gets too hot. * **Short Circuit Current Limiting:** Limits the current if the output is accidentally grounded. * **Safe Operating Area (SOA) Protection:** Protects the internal output transistor from damage under high-stress conditions. ### 5. Basic Application Circuit To ensure stability and reduce noise, external capacitors are required: ```text Input (12V-25V) ----[ 0.33uF Cap ]---- Pin 1 [ KIA7809 ] Pin 3 ----[ 0.1uF Cap ]---- Output (9V) | Pin 2 | Ground ``` --- ### Summary Checklist for Usage 1. **Voltage Overhead:** Ensure your input voltage is at least **11.5V** (Input must be $V_{OUT}$ + Dropout). 2. **Heat Management:** If dropping 24V down to 9V at 1A, the device will dissipate 15W of heat $(24-9) \times 1$. A large heatsink will be required. 3. **Capacitors:** Always place capacitors as close to the pins as possible to prevent oscillation.
    ✨ Follow-up Questions
    • What is the difference between the KIA7809 and the L7809 from other manufacturers?
    • How do I calculate the exact heatsink size needed for a 7809 regulator?
    • Can this regulator be used to create a negative 9V rail?