Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KMMLS-ABB-R

  • AI
    The **KMMLS-ABB-R** refers to a specific type of **Magnetic Proximity Sensor** (or Magnetic Limit Switch) commonly used in elevator systems, automated machinery, and material handling. These parts are designed to detect position or movement without physical contact. ### 1. Key Technical Specifications Below are the typical electronic and physical parameters associated with this component type: | Parameter | Specification | | :--- | :--- | | **Contact Type** | Bistable (stays in state after trigger) | | **Input Voltage** | Typically up to 250V AC/DC | | **Switching Current** | ~1.0A to 3.0A (depending on manufacturer) | | **Sensing Distance** | 5mm to 15mm | | **Housing Material** | Heat-resistant Plastic (Flame retardant) | | **Protection Rating** | IP65 or IP67 (Dust/Waterproof) | --- ### 2. Core Components and Working Principle The "Electronic" side of the KMMLS-ABB-R is relatively simple but highly reliable for safety applications: * **Reed Switch Element:** The heart of the device is a glass-encapsulated reed switch. It consists of two ferromagnetic blades that move when a magnetic field (from a permanent magnet) is present. * **Permanent Magnet Trigger:** This part is mounted on the moving object (like an elevator car). When it passes the KMMLS unit, the internal contact flips. * **Bistable Circuitry:** Unlike a standard "momentary" switch, the "R" series is often bistable. This means if it encounters a South Pole magnet, it turns **ON**; it stays ON even after the magnet leaves, until it encounters a North Pole magnet to turn it **OFF**. * **Protection Circuit:** High-quality units include an internal varistor or RC snubber circuit to protect the contacts from arcing when switching inductive loads (like relays). --- ### 3. Application in Elevator Systems In the context of elevator electronics, the KMMLS-ABB-R serves three primary functions: 1. **Leveling Detection:** Ensuring the elevator floor is flush with the hallway floor. 2. **Slowdown Sensing:** Telling the motor controller to reduce speed as the car approaches the top or bottom terminal. 3. **Door Interlock Logic:** Confirming the position of the car relative to the landing door for safety clearance. --- ### 4. Wiring Diagram (Conceptual) ` ` `text [ Power Source ] -------- [ KMMLS-ABB-R Switch ] -------- [ PLC / Controller Input ] | (Magnetic Field Trigger) ` ` `
    ✨ Follow-up Questions
    • ⤷ What is the difference between bistable and monostable magnetic switches?
    • ⤷ How do you troubleshoot a faulty KMMLS-ABB-R sensor?
    • ⤷ Can this sensor be used with high-voltage AC motors directly?