Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KMMLS-AC2-R

  • AI
    Based on the product code provided, the **KMMLS-AC2-R** refers to a specific series of **Miniature Limit Switches** (often produced by brands like Moujen or similar industrial component manufacturers). These are electromechanical devices used to detect the presence or absence of an object. --- ### 1. Key Technical Specifications The "AC2-R" suffix typically denotes the contact configuration and the specific actuator type. | Component Detail | Specification (Typical) | | :--- | :--- | | **Switch Type** | Miniature Limit Switch | | **Circuit Configuration** | SPDT (1NO / 1NC) | | **Current Rating** | 5A to 10A (at 250VAC) | | **Actuator Type** | Roller Lever (Long or Short) | | **Enclosure Rating** | IP65/IP67 (Dust & Water Resistant) | | **Connection Type** | Pre-wired or Terminal Screws | --- ### 2. Internal Electronic Design The electronic operation of the KMMLS-AC2-R is based on mechanical displacement. * **Contacts:** High-conductivity silver alloy contacts are used to ensure low electrical resistance and high reliability over millions of cycles. * **Snap-Action Mechanism:** It utilizes a spring-loaded mechanism that ensures the contacts switch rapidly regardless of the speed of the physical trigger. This prevents "arcing" and preserves the life of the switch. * **The "R" Suffix:** Usually indicates a **Roller** mechanism. The roller allows for "cam-action" or side-approach triggering, reducing friction on the switch arm. --- ### 3. Wiring Diagram Concept Internally, the switch functions as a Single Pole Double Throw (SPDT) device: ```mermaid graph LR COM[Common Terminal] --- NC[Normally Closed] COM -. Triggered .-> NO[Normally Open] ``` --- ### 4. Common Applications These parts are widely used in industrial automation for: 1. **End-of-travel detection:** Stopping a motor when a machine part reaches its limit. 2. **Safety Interlocking:** Ensuring a protective door is closed before a machine starts. 3. **Object Counting:** Triggering a pulse every time a product passes on a conveyor belt.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the KMMLS-AC2-R?
    • ⤷ How do I wire this switch for a 'Normally Open' configuration?
    • ⤷ What are the mounting dimensions for this specific limit switch series?