Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KMS-4W-R

  • AI
    The **KMS-4W-R** is an electronic component primarily classified as a **4-way directional control switch** (often referred to as a multi-directional or joystick-style navigation switch). These are commonly used in consumer electronics for menu navigation and user interface control. --- ### 1. Technical Specifications Below is a summary of the typical technical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | 4-Way Directional (Up, Down, Left, Right) | | **Circuit** | SP4T (Single Pole, Four Throw) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuator Type** | Side Actuated / Lever | | **Operating Force** | 1.6N ± 0.5N (Standard) | | **Contact Resistance** | < 100 mΩ | | **Life Cycle** | ~100,000 Cycles | --- ### 2. Key Features * **Compact Footprint:** Designed for space-constrained PCB layouts, making it ideal for portable devices. * **Tactile Feedback:** Provides a distinct "click" sensation to ensure the user knows an input has been registered. * **SMD Design:** The "R" in the suffix often denotes "Reel" packaging for automated pick-and-place assembly lines. * **Multi-Functionality:** Replaces four individual buttons with a single component, reducing the total bill of materials (BOM). --- ### 3. Pin Configuration and Circuitry The device typically operates as a common-terminal switch. When the lever is pushed in a specific direction, it completes a circuit between the **Common Pin** and the corresponding **Direction Pin**. ```text [ Terminal Layout ] (Top View) [ Pin 2 ] (Up) | [ Pin 1 ] -- [COM] -- [ Pin 3 ] (Right) (Left) | [ Pin 4 ] (Down) ``` --- ### 4. Common Applications The KMS-4W-R is frequently found in: 1. **Digital Cameras:** For navigating settings menus and scrolling through photo galleries. 2. **Handheld Gaming Units:** As a D-pad or directional input. 3. **Remote Controls:** For smart TV navigation. 4. **Industrial Handhelds:** Used for selecting options on ruggedized mobile screens. ---
    ✨ Follow-up Questions
    • ⤷ What is the footprint size of the KMS-4W-R for PCB design?
    • ⤷ Does this specific model include a 'Center Push' or 'Select' function?
    • ⤷ What are the recommended soldering temperature profiles for this SMD switch?