Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV0R1CP

  • AI
    The part number **KNP-R3AV0R1CP** refers to a high-precision, high-power **Wirewound Resistor**. This specific component is designed for applications requiring stability under high current loads and high temperatures. ### 1. Part Breakdown and Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | KNP | Wirewound Resistor (Standard Type) | | **Power Rating** | 3 Watts (3W) | The maximum power the resistor can dissipate. | | **Resistance Value** | 0.1 $\Omega$ (R1) | Very low resistance, often used for current sensing. | | **Tolerance** | ±5% (J) or ±1% (F) | Precision level (Note: 'C' in suffix often relates to packaging). | | **Construction** | Wirewound | Resistive wire wrapped around an insulating core. | | **Coating** | Flameproof | Silicone or similar coating to prevent fire during overload. | --- ### 2. Key Characteristics The **KNP series** is characterized by several physical and electrical properties that distinguish it from standard film resistors: * **Surge Capability:** Wirewound resistors can handle significant momentary surges much better than metal film or carbon composition resistors. * **Low Temperature Coefficient:** They maintain a stable resistance value even as the component heats up. * **Inductance:** Because they are made of coiled wire, they have inherent inductance. They are generally not suitable for high-frequency RF applications unless specified as "non-inductive." * **Flameproof Protection:** The "AV" or "CP" designations often refer to the protective coating which ensures that if the resistor fails due to extreme overcurrent, it will not emit flames. --- ### 3. Common Applications Given the low resistance (0.1 Ohm) and high power (3W) of this specific part, it is typically used in the following scenarios: 1. **Current Sensing:** Placed in series with a load to measure current by monitoring the voltage drop across it ($V = I \times R$). 2. **Inrush Current Limiting:** Protecting sensitive circuits from the initial spike of electricity when a device is turned on. 3. **Power Supplies:** Used in the output stages of DC-DC converters or AC-DC adapters. 4. **Motor Controllers:** Managing high-current paths for small to medium motors. --- ### 4. Technical Comparison | Feature | Wirewound (KNP) | Metal Film | | :--- | :--- | :--- | | **Heat Dissipation** | Excellent | Moderate | | **Surge Resistance** | High | Low | | **Size** | Larger | Smaller | | **Noise** | Very Low | Low |
    ✨ Follow-up Questions
    • ⤷ What is the difference between KNP and NKNP (non-inductive) resistors?
    • ⤷ How do I calculate the voltage drop across this 0.1 ohm resistor at 2 Amps?
    • ⤷ Are there SMD equivalents for high-wattage wirewound resistors?