Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV0R1DP

  • AI
    The part number **KNP-R3AV0R1DP** refers to a high-precision, wirewound resistor, typically manufactured by companies like **KOA Speer** or similar specialized passive component manufacturers. Below is a detailed breakdown of its electronic characteristics and construction. --- ## 1. Technical Specifications This component is designed for power applications where heat dissipation and stability are critical. | Parameter | Value / Specification | Description | | :--- | :--- | :--- | | **Type** | Wirewound Resistor | Constructed by winding metal wire on an insulating core. | | **Resistance** | 0.1 $\Omega$ (R1) | Low resistance value, often used for sensing. | | **Power Rating** | 0.3W - 0.5W (Estimated) | "R3" usually denotes a specific small-form power rating. | | **Tolerance** | $\pm 0.5\%$ or $\pm 1\%$ | "D" in the suffix often indicates high precision. | | **Temperature Coefficient** | Low (TCR) | Excellent stability over temperature changes. | | **Coating** | Flameproof Silicone | Protects the wire and core from environmental damage. | --- ## 2. Part Number Breakdown While manufacturer coding varies slightly, here is the standard interpretation of the **KNP-R3AV0R1DP** string: * **KNP**: Product Series (Wirewound Resistor, Fixed Type). * **R3A**: Refers to the physical size and power rating (Standard miniature size). * **V**: Vertical or specific lead-forming style (often used for PCB space-saving). * **0R1**: The Resistance Value. `0R1` = $0.1 \Omega$. * **D**: Tolerance code. Typically represents $\pm 0.5\%$. * **P**: Packaging code (e.g., Tape & Ammo or Plastic Bag). --- ## 3. Key Electronic Features ### A. Pulse Handling Unlike carbon film resistors, wirewound resistors like the KNP series have excellent surge and pulse handling capabilities. They can absorb significant energy spikes without failing, making them ideal for protection circuits. ### B. Inductance Because these are "wirewound," they naturally possess some **self-inductance**. However, in very low resistance values like $0.1 \Omega$, this effect is minimized. If used in high-frequency circuits, this inductance must be accounted for. ### C. Flameproof Safety The "KNP" series usually features a non-flammable coating. Under extreme overload conditions, the resistor will open cleanly without catching fire or emitting smoke that could damage the rest of the PCB. --- ## 4. Common Applications * **Current Sensing:** The $0.1 \Omega$ value is frequently used to measure current by monitoring the voltage drop across the resistor ($V = I \times R$). * **Power Supplies:** Used as a shunting resistor or for inrush current limiting. * **Audio Equipment:** Employed in output stages for stability due to low noise characteristics. * **Automotive Electronics:** Used in modules requiring high reliability and heat resistance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the KNP series resistors?
    • ⤷ Can this resistor be used in high-frequency switching power supplies?
    • ⤷ How does the 'P' packaging code affect the automated assembly process?