Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV100RBP

  • AI
    The **KNP-R3AV100RBP** is a high-precision, wirewound resistor designed for power applications. This specific part belongs to a family of resistors known for their durability and ability to handle surge currents. ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Resistor Type** | Wirewound (KNP) | | **Resistance Value** | 100 Ohms ($\Omega$) | | **Power Rating** | 0.3 Watts (or specific to R3A chassis size) | | **Tolerance** | ±0.1% to ±5% (Refer to specific datasheet suffix) | | **Temperature Coefficient** | ±300 ppm/°C (Typical) | | **Coating** | Flameproof Silicone Coating | --- ### Key Features and Construction 1. **Core Material**: The internal element consists of a resistive wire (usually a nickel-chromium alloy) wound around a high-purity ceramic rod. This provides excellent thermal stability. 2. **Flameproof Coating**: The "KNP" series typically features a non-flammable silicone or resin coating. In the event of an overload, the resistor will not catch fire, making it a critical safety component. 3. **Surge Handling**: Because it uses a physical wire rather than a thin film, it can withstand much higher instantaneous pulse voltages and surges compared to metal film resistors. 4. **Low Noise**: Wirewound resistors naturally produce very low thermal noise, making them suitable for high-end audio or precision measurement circuits. ### Common Applications * **Power Supplies**: Used as a current sensing resistor or a bleeder resistor. * **Motor Controllers**: Handling the initial inrush current. * **Audio Equipment**: Used in crossover networks or power amplifier stages where signal integrity and power handling are required. * **Industrial Automation**: Providing stable resistance in harsh environments with fluctuating temperatures. --- ### Comparison: Wirewound vs. Metal Film | Feature | KNP (Wirewound) | Metal Film | | :--- | :--- | :--- | | **Pulse Handling** | Excellent | Poor | | **Inductance** | Higher (due to coils) | Very Low | | **Stability** | High | Moderate | | **Safety** | Flameproof options common | Varies |
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for wirewound resistors like the KNP series?
    • ⤷ How does the inductance of a wirewound resistor affect high-frequency circuits?
    • ⤷ Are there non-inductive versions of the KNP resistor available?