Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV100RCTB

  • AI
    The **KNP-R3AV100RCTB** is a specific part number typically associated with a **Wirewound Resistor**. This type of component is designed for high-power applications, precision resistance, and durability under thermal stress. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The "KNP" series represents **Wirewound Resistors (Flame-proof type)**. These are created by winding a metal wire (usually Nichrome) around a ceramic core and coating it with a non-flammable protective layer. ### 2. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Series** | KNP | Wirewound Resistor (Flame-proof) | | **Power Rating** | 0.3W - 3W (Varies by sub-code) | Capability to dissipate heat | | **Resistance Value** | 10 $\Omega$ (Typical for "100") | The electrical resistance | | **Tolerance** | ±5% (Typical for "J" or "R") | Precision of the resistance value | | **Core Material** | Alumina Ceramic | Provides high thermal conductivity | | **Coating** | Silicone / Flame-proof | Prevents ignition during overload | --- ### 3. Key Electronic Features * **High Power Handling:** Unlike carbon film resistors, wirewound resistors can handle significant surges and higher power loads relative to their size. * **Thermal Stability:** They maintain a consistent resistance value even as temperatures fluctuate (Low Temperature Coefficient). * **Flame-proof Construction:** The coating is designed not to catch fire or emit smoke even when the resistor is subjected to an electrical overload that causes it to fail. * **Inductive Nature:** Because the wire is coiled, these parts have some inherent **inductance**. They are generally not recommended for high-frequency RF circuits but are excellent for power supplies and audio crossovers. ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by manufacturer (like KOA Speer or Vitrohm), the code usually follows this logic: * **KNP:** Series Name (Wirewound). * **R3:** Power rating or size code (likely 0.3W or a specific physical frame). * **100:** Resistance code (10 + 0 zeros = 10 Ohms). * **R:** Tolerance or Packaging identifier. * **CTB:** Packaging style (e.g., Cut and Taped, or Taped in Box). --- ### 5. Common Applications * **Power Supplies:** Used as "bleeder" resistors or for current sensing. * **Motor Controllers:** For limiting inrush current. * **Audio Equipment:** Used in speaker crossover networks due to high power handling. * **Voltage Dividers:** In industrial equipment where stability is required.
    ✨ Follow-up Questions
    • ⤷ What is the difference between KNP and Carbon Film resistors?
    • ⤷ How does inductance affect wirewound resistors in high-frequency circuits?
    • ⤷ What are the standard tolerance ratings for the KNP series?