Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV100RFTB

  • AI
    The part number **KNP-R3AV100RFTB** refers to a high-performance **Wirewound Resistor** typically manufactured by companies like Yageo or Vitrohm. These components are designed to handle power and provide precise resistance in demanding circuits. --- ## 1. Technical Specification Breakdown The alphanumeric code contains specific information about the resistor's physical and electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | KNP | Wirewound Resistor (Flame-proof coating) | | **Power Rating** | R3A (or 0.3W / 3W) | Usually denotes a 3-Watt power capacity | | **Resistance Value** | 100R | 100 Ohms ($\Omega$) | | **Tolerance** | F | $\pm 1\%$ (Precision grade) | | **Packaging** | TB | Taped in Ammo Box (Radial or Axial lead style) | --- ## 2. Key Internal Components A wirewound resistor is constructed differently than standard carbon film resistors: * **Core:** Usually a high-grade ceramic (Alumina) rod that acts as a heat sink and insulator. * **Resistive Element:** A metal alloy wire (typically Nickel-Chromium or Manganin) wound around the ceramic core. * **Coating:** A flame-proof silicone or lacquer coating that protects the wire from moisture and prevents fire in case of overload. * **End Caps:** Metal caps pressed onto the ends of the core to connect the wire to the leads. --- ## 3. Performance Characteristics Wirewound resistors like the KNP series are chosen for specific circuit behaviors: ### Advantages * **High Precision:** The $\pm 1\%$ tolerance (indicated by the 'F') ensures consistent performance in sensing circuits. * **Thermal Stability:** They have a low Temperature Coefficient of Resistance (TCR), meaning the resistance doesn't change significantly as it gets hot. * **Surge Handling:** Because they are made of physical wire, they can handle brief electrical surges better than thin-film resistors. ### Disadvantages * **Inductance:** Because the wire is wound like a coil, it has parasitic inductance. This makes it unsuitable for very high-frequency RF applications. --- ## 4. Typical Applications The KNP-R3AV100RFTB is commonly found in: 1. **Power Supplies:** Used as a current sensing or bleeder resistor. 2. **Motor Controllers:** Managing start-up currents. 3. **Industrial Equipment:** Where reliability under heat is critical. 4. **Audio Amplifiers:** Used in the output stages due to low noise and high power handling.
    ✨ Follow-up Questions
    • ⤷What is the difference between a wirewound resistor and a metal film resistor?
    • ⤷ How does the 'Flame-proof' coating function during a circuit failure?
    • ⤷ Are there non-inductive versions of KNP resistors available?