Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNP-R3AV100RGP

  • AI
    The **KNP-R3AV100RGP** is a specialized electronic component typically used in power management and circuit protection. Based on its nomenclature, it is a **Wirewound Resistor** designed for high-power applications. --- ### 1. Component Overview The "KNP" series generally refers to **Wirewound Resistors (Flameproof Type)**. These are created by winding a metal wire (usually Nichrome) around a ceramic core and coating it with a flame-retardant material. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Fixed Resistor | | **Technology** | Wirewound | | **Resistance Value** | 100 $\Omega$ (indicated by "100R") | | **Power Rating** | 3 Watts (indicated by "3") | | **Tolerance** | $\pm$ 2% or $\pm$ 5% (G/J common in these series) | | **Safety Feature** | Flameproof UL94V-0 Coating | --- ### 2. Key Characteristics * **High Power Dissipation:** Unlike carbon film resistors, the wirewound construction allows it to handle significant heat and power surges. * **Flameproof Coating:** The "AV" often denotes a specific coating or vertical forming style that ensures the component will not catch fire if it fails due to an overload. * **Inductive Properties:** Because it is a wound coil, it has some inherent inductance, making it unsuitable for very high-frequency applications but excellent for power supplies and motor controllers. --- ### 3. Typical Applications This specific part is frequently found in: 1. **Inrush Current Limiting:** Protecting circuits from initial power spikes. 2. **Snubber Circuits:** Used to suppress voltage transients in switching power supplies. 3. **Home Appliances:** Found in AC/DC conversion stages of washing machines, air conditioners, and LED drivers. 4. **Discharge Resistors:** Safely bleeding off energy from large capacitors. --- ### 4. Part Number Breakdown (Generalized) | Code | Meaning | | :--- | :--- | | **KNP** | Series Name (Wirewound Resistor) | | **3** | Power Rating (3 Watts) | | **AV** | Lead Forming / Style (e.g., Axial Vertical or specific pitch) | | **100R** | Resistance Value (100 Ohms) | | **G** | Tolerance (typically $\pm$2%) | | **P** | Packaging Code (e.g., Taping or Lead-free/RoHS) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between KNP wirewound resistors and carbon film resistors?
    • ⤷ How do I calculate if a 3W rating is sufficient for my specific circuit?
    • ⤷ Are there non-inductive versions of this resistor available for high-speed switching?