Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KNS-BA-R

  • AI
    The **KNS-BA-R** is an electronic component primarily classified as a **Precision Shunt Resistor** or a **Current Sense Resistor**. These components are designed to monitor current flow in electronic circuits by converting current into a measurable voltage drop. --- ## Technical Overview The KNS series (specifically the BA-R variation) is often characterized by its high stability and low resistance values. Below is a breakdown of its core electronic characteristics: ### 1. Key Specifications | Feature | Description | | :--- | :--- | | **Type** | Metal Element Current Sense Resistor | | **Resistance Range** | Typically very low (milli-ohms / mΩ) | | **Tolerance** | Generally ±1% to ±5% | | **Material** | Manganin or NiCr (Nickel-Chromium) alloys for thermal stability | | **Mounting Type** | Radial Lead (Through-hole) or Surface Mount (depending on suffix) | ### 2. Physical Construction The "BA-R" designation usually refers to a specific lead forming or packaging style: * **B**: Often denotes a bulk packaging or specific physical size. * **A**: Indicates lead configuration (typically axial or formed radial). * **R**: Generally stands for "RoHS Compliant" or "Tape & Reel" packaging. --- ## Internal Electronics & Working Principle The KNS-BA-R functions based on **Ohm’s Law ($V = I \times R$)**. 1. **Low TCR (Temperature Coefficient of Resistance):** These parts are engineered so that their resistance does not change significantly as they heat up. This ensures the current measurement remains accurate across different operating temperatures. 2. **Inductance:** The "KNS" series is often designed to have **Low Self-Inductance**, which is critical for high-frequency switching power supplies to prevent signal distortion. 3. **Power Rating:** Because they sit in the main path of current, they are built to dissipate heat efficiently, usually ranging from 1W to 5W depending on the specific body size. --- ## Common Applications The KNS-BA-R is widely used in power management and monitoring systems: * **Battery Management Systems (BMS):** To monitor charging and discharging currents in Lithium-ion packs. * **Motor Controllers:** To detect over-current conditions and protect the motor. * **DC-DC Converters:** Used in the feedback loop to regulate output current. * **Automotive Electronics:** For sensing current in auxiliary systems. --- ## Comparison with Standard Resistors | Feature | Standard Resistor | KNS-BA-R (Shunt) | | :--- | :--- | :--- | | **Resistance Value** | High (Ω to MΩ) | Ultra-low (mΩ) | | **Primary Goal** | Limit current / Divide voltage | Measure current | | **Heat Handling** | Low | High | | **Accuracy** | General | High Precision |
    ✨ Follow-up Questions
    • ⤷ What are the specific resistance values available for the KNS-BA-R series?
    • ⤷ How does the 'R' suffix impact the soldering process or environmental compliance?
    • ⤷ Can the KNS-BA-R be used in high-frequency AC applications?