Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KPE-66-R

  • AI
    The **KPE-66-R** is a specific electronic component primarily categorized as an **Electromagnetic Piezo Transducer (Buzzer)**. It is widely used in electronics for audible signaling and alerts. Below is a detailed breakdown of its electronic characteristics, specifications, and applications. --- ### 1. General Overview The KPE-66-R is a self-contained acoustic device. Depending on the specific manufacturer (commonly **Kingstate**), this series is known for being a "Piezo Indicator," meaning it typically contains internal circuitry to generate a tone when DC voltage is applied. ### 2. Technical Specifications The typical electrical parameters for the KPE-66-R series are as follows: | Parameter | Specification (Typical) | | :--- | :--- | | **Rated Voltage** | 12V DC | | **Operating Voltage** | 3V - 20V DC | | **Max Current Consumption** | 8mA - 12mA | | **Sound Pressure Level (SPL)** | Min 75dB - 85dB at 30cm | | **Resonant Frequency** | 3.4 kHz ± 0.5 kHz | | **Tone Type** | Continuous / Single Tone | | **Mounting Type** | Through-hole (PCB Mount) | | **Operating Temperature** | -20°C to +70°C | --- ### 3. Key Electronic Features * **Internal Drive Circuit:** Unlike simple piezo elements that require an external AC signal or PWM, the "R" designation often implies it is an **indicator**. It has an internal oscillator; you simply apply a DC voltage to the positive and negative pins to produce sound. * **Piezoelectric Effect:** It utilizes a piezoelectric ceramic disc. when voltage is applied, the material deforms mechanically, creating pressure waves in the air (sound). * **Low Power Consumption:** Because it is a piezo-based device rather than electromagnetic (coil-based), it draws very little current, making it ideal for battery-operated devices. * **Polarity Sensitive:** It has a positive (+) and negative (-) lead. Reversing the polarity will prevent the device from functioning and may damage the internal oscillator. --- ### 4. Common Applications * **Consumer Electronics:** Microwave ovens, washing machines, and alarm clocks. * **Industrial:** Control panels, timers, and fault indicators. * **Medical Equipment:** Portable monitors and diagnostic tools. * **Computers:** Motherboard BIOS beepers or peripheral alerts. --- ### 5. Circuit Integration Example To use the KPE-66-R with a microcontroller like an Arduino, you would typically use a transistor (like a 2N2222) to switch the higher voltage/current required by the buzzer. ```cpp // Simple Arduino Trigger Code int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Turn buzzer ON delay(1000); // Wait 1 second digitalWrite(buzzerPin, LOW); // Turn buzzer OFF delay(1000); // Wait 1 second } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Piezo Indicator and a Piezo Transducer?
    • ⤷ Can the KPE-66-R produce different musical notes?
    • ⤷ How do I calculate the resistor needed to use this with a 24V power supply?