Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KPY33-R

  • AI
    The **KPY33-R** is a specialized silicon-based pressure sensor known for its high sensitivity and reliability in measuring absolute pressure. It belongs to the KPY family of sensors, typically manufactured by Infineon (formerly Siemens). --- ## 1. Core Specifications The KPY33-R is a piezoresistive sensor, meaning its electrical resistance changes when mechanical stress (pressure) is applied. | Feature | Description | | :--- | :--- | | **Sensor Type** | Absolute Pressure Sensor | | **Technology** | Piezoresistive Silicon Strain Gauge | | **Pressure Range** | 0 to 2.0 bar (approx. 0 to 200 kPa) | | **Package Style** | TO-39 (Hermetically sealed metal can) | | **Output Signal** | Analog Voltage (Bridge output) | | **Linearity** | High linearity with low hysteresis | --- ## 2. Electrical Configuration The internal structure of the KPY33-R consists of four resistors integrated into a chemically etched silicon diaphragm, arranged in a **Wheatstone Bridge** circuit. ### Pinout Configuration (Standard TO-39) The device typically features 4 to 6 pins depending on the specific variant, but the standard bridge configuration follows this logic: 1. **Supply Voltage (+V_in):** Positive excitation voltage. 2. **Output Signal (+V_out):** Positive differential output. 3. **Supply Voltage (-V_in/Ground):** Negative excitation/Common. 4. **Output Signal (-V_out):** Negative differential output. --- ## 3. Key Electronic Characteristics To integrate the KPY33-R into a circuit, developers must account for the following electronic behaviors: * **Excitation Voltage:** Usually operates between 5V and 10V DC. * **Bridge Resistance:** Typically around $4k\Omega$ to $8k\Omega$. * **Temperature Compensation:** Like most silicon sensors, it is sensitive to temperature. High-precision applications require an external compensation circuit (NTC resistors or op-amp trimming). * **Sensitivity:** It provides a millivolt-level output (e.g., 20mV/bar), meaning it requires an **Instrumentation Amplifier** (like the AD620 or an op-amp circuit) before the signal can be read by a Microcontroller (MCU) ADC. --- ## 4. Typical Application Circuit Because the output is a differential signal, the electronic interface usually follows this path: ```text [KPY33-R Sensor] -> [Instrumentation Amplifier] -> [Low Pass Filter] -> [Microcontroller ADC] ``` ### Example Considerations * **Amplification:** Since the raw output is in millivolts, a gain of 50x to 100x is often necessary. * **Shielding:** The metal TO-39 case is often connected to the ground pin to reduce electromagnetic interference (EMI). --- ## 5. Applications * **Barometric Pressure Measurement:** Weather stations and altimeters. * **Industrial Pneumatics:** Monitoring compressed air systems. * **Automotive:** Manifold absolute pressure (MAP) or tire pressure sensing. * **Medical Equipment:** Monitoring air/liquid pressure in controlled environments.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the output voltage for a specific pressure level on the KPY33-R?
    • ⤷ What are the recommended instrumentation amplifiers for use with piezoresistive sensors?
    • ⤷ Does the KPY33-R require external temperature compensation components?