Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KSC1730-R

  • AI
    The **KSC1730-R** is a NPN epitaxial silicon transistor designed primarily for high-frequency amplification and oscillator applications. It is commonly used in the RF (Radio Frequency) stages of AM/FM radios and communication equipment. --- ### 1. Key Technical Specifications The following table summarizes the absolute maximum ratings and electrical characteristics of the KSC1730-R: | Parameter | Symbol | Value | Unit | |:---|:---:|:---:|:---:| | Collector-Base Voltage | $V_{CBO}$ | 30 | V | | Collector-Emitter Voltage | $V_{CEO}$ | 15 | V | | Emitter-Base Voltage | $V_{EBO}$ | 5 | V | | Collector Current | $I_C$ | 50 | mA | | Collector Power Dissipation | $P_C$ | 250 | mW | | Current Gain ($h_{FE}$) | $h_{FE}$ | 40 – 80 | - | | Transition Frequency | $f_T$ | 600 (Typ.) | MHz | --- ### 2. Pin Configuration The KSC1730-R usually comes in a **TO-92** plastic package. Looking at the flat side with the leads pointing down, the pinout is typically: 1. **Emitter** (E) 2. **Collector** (C) 3. **Base** (B) --- ### 3. Understanding the "R" Suffix In transistor nomenclature, the suffix often denotes the **$h_{FE}$ (DC Current Gain)** classification. For the KSC1730 series, the "R" indicates a specific gain range: * **R:** 40 ~ 80 * **O:** 70 ~ 140 * **Y:** 120 ~ 240 --- ### 4. Circuit Applications Because of its high transition frequency ($f_T$) of 600 MHz and low output capacitance, this part is ideal for: * **RF Amplifiers:** Strengthening weak signals in radio receivers. * **Local Oscillators:** Generating stable frequencies for tuning. * **FM Front-end:** Used in the initial stages of FM tuners for low-noise performance. --- ### 5. Equivalent Replacement Parts If the KSC1730-R is unavailable, the following transistors are often considered equivalents, though pinouts and frequency responses should be verified: | Equivalent Part | Type | Notes | |:---|:---|:---| | **2SC1730** | NPN | The original Japanese part number. | | **KSC945** | NPN | General purpose, but lower frequency limit. | | **MPSH10** | NPN | Dedicated RF transistor with similar specs. |
    ✨ Follow-up Questions
    • ⤷What is the significance of the 600 MHz transition frequency for circuit design?
    • ⤷ Can the KSC1730-R be used in switching applications instead of RF?
    • ⤷ How does the Collector-Base capacitance impact high-frequency performance?