Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KSF-5B-R

  • AI
    ## Overview of the KSF-5B-R The **KSF-5B-R** is a specific electronic component typically identified as a **Tactile Switch** (or Push Button Switch). These components are widely used in consumer electronics, industrial controls, and PC peripherals to provide user input and physical feedback. --- ### 1. Technical Specifications Below are the general technical parameters associated with this series of tactile switches: | Parameter | Value / Range | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) or Through-Hole | | **Contact Rating** | 50mA, 12V DC | | **Operating Force** | 160gf to 250gf (Commonly) | | **Travel (Stroke)** | 0.25mm ± 0.1mm | | **Contact Resistance** | < 100mΩ | | **Insulation Resistance** | > 100MΩ (100V DC) | | **Dielectric Strength** | 250V AC for 1 minute | --- ### 2. Physical Characteristics The "KSF" series is known for its compact footprint and reliability. * **Actuator Style:** Usually a small plunger or button integrated into the housing. * **Terminals:** Silver-plated or Gold-plated lead frames for high conductivity and oxidation resistance. * **Feedback:** Provides a distinct "click" sound and tactile snap when pressed. * **Durability:** Typically rated for 50,000 to 100,000 cycles depending on the specific sub-model. --- ### 3. Pinout and Internal Logic As a momentary switch, the internal logic is "Normally Open" (NO). ```text (1) ------- (2) | | [Switch] | | (3) ------- (4) Logic: - Pins 1 and 2 are usually internally connected. - Pins 3 and 4 are usually internally connected. - Pressing the button closes the circuit between (1,2) and (3,4). ``` --- ### 4. Common Applications The KSF-5B-R is found in various devices requiring a small interface: 1. **Consumer Electronics:** Remote controls, microwave buttons, and cameras. 2. **Computing:** Reset buttons on motherboards or peripheral input keys. 3. **Industrial:** Control panels and PLC interface modules. 4. **Automotive:** Dashboard controls and key fobs. ---
    ✨ Follow-up Questions
    • ⤷What is the footprint size (dimensions) of the KSF-5B-R?
    • ⤷ Are there specific soldering temperature recommendations for this SMD part?
    • ⤷ Can this switch be used in AC power circuits or is it limited to DC?