Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KSF-A3-R

  • AI
    ### Overview of the KSF-A3-R The **KSF-A3-R** is a specific model of an **Electronic Foot Switch** (also known as a foot pedal switch). These components are widely used in industrial machinery, medical devices, and sewing equipment to provide hands-free control of electrical circuits. --- ### Technical Specifications The electrical characteristics are critical for ensuring compatibility with the target machine. Below is a breakdown of the typical electronic properties: | Feature | Specification | | :--- | :--- | | **Switch Type** | Momentary (Spring Return) | | **Contact Configuration** | SPDT (1NO + 1NC) | | **Rated Voltage** | 250V AC | | **Rated Current** | 10A - 15A (Depending on specific build) | | **Housing Material** | Aluminum Alloy or Durable Plastic | | **Mechanical Life** | > 1,000,000 cycles | --- ### Internal Electronic Components The KSF-A3-R consists of several key parts that work together to complete the circuit: 1. **Micro Switch:** The core electronic component. When the pedal is pressed, a lever engages a micro switch (often a V-series or similar) that physically moves the contacts to change the state of the circuit. 2. **Wiring / Terminal Block:** Usually features three wires or terminals: * **COM (Common):** The input line. * **NO (Normally Open):** The circuit is closed only when the pedal is pressed. * **NC (Normally Closed):** The circuit is open when the pedal is pressed. 3. **Spring Mechanism:** While mechanical, it ensures the electrical contact returns to its default state immediately upon release, preventing "arcing" or stuck circuits. 4. **Cable Gland:** Protects the internal wiring from tension and moisture, ensuring the electrical integrity of the connection point. --- ### Wiring Diagram Concept To integrate the KSF-A3-R, the following logic is typically used in a circuit: ```mermaid graph LR Power[Power Source] --> COM(COM Terminal) COM --> Pressed{Pedal Pressed?} Pressed -- Yes --> NO(NO Terminal - Load ON) Pressed -- No --> NC(NC Terminal - Load OFF) ``` ### Key Applications * **Industrial:** Controlling drills, lathes, or shearing machines. * **Medical:** Operating dental chairs or imaging equipment. * **Assembly:** Controlling solder dispensing or glue machines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the NO and NC wiring configurations for this switch?
    • ⤷ Can the KSF-A3-R handle DC voltage
    • ⤷ or is it limited to AC?
    • ⤷ What is the IP rating for water and dust resistance on this specific model?