Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KSF-DC-R/Q

  • AI
    Based on the technical specifications for the **KSF-DC-R/Q** series, these components are high-performance **Directional Couplers** typically used in RF (Radio Frequency) and microwave communication systems. --- ## 1. Component Overview The KSF-DC-R/Q belongs to a category of passive electronic components designed to couple a specific amount of electromagnetic power in a transmission line to a port, enabling the signal to be used in another circuit. ### Key Specifications | Parameter | typical Value/Range | Description | | :--- | :--- | :--- | | **Frequency Range** | 5 MHz - 1000 MHz | Standard CATV/Broadband range | | **Impedance** | 75 $\Omega$ | Standard for video/telecom distribution | | **Coupling Loss** | 6dB, 8dB, 10dB, 12dB | Varies by specific model suffix | | **Isolation** | $\ge$ 20 dB | Separation between output and coupled port | | **Return Loss** | $\ge$ 16 dB | Measure of signal reflection | --- ## 2. Internal Electronic Architecture The "parts" inside this component consist of a combination of inductive and capacitive elements: ### A. Ferrite Core Transformers The heart of the KSF-DC-R/Q is a **binocular ferrite core**. * **Primary Winding:** The main signal path (Input to Output). * **Secondary Winding:** The coupled path where a fraction of the energy is transferred via electromagnetic induction. ### B. Impedance Matching Network To ensure a stable 75-ohm environment, the unit contains: * **Surface Mount Capacitors (MLCC):** Used for DC blocking and fine-tuning the frequency response. * **Precision Resistors:** Used for internal termination of the isolated port to prevent signal reflections. ### C. Housing and Shielding * **Zinc Die-cast Chassis:** Provides EMI/RFI shielding to prevent external interference. * **Tin Plating:** Ensures high-quality solderability and corrosion resistance. --- ## 3. Circuit Application In a typical electronic system, the KSF-DC-R/Q serves three primary functions: 1. **Signal Monitoring:** Tapping into a high-power line to measure signal quality without interrupting the main flow. 2. **Signal Distribution:** Splitting a signal to multiple subscribers in a HFC (Hybrid Fiber-Coaxial) network. 3. **Power Leveling:** Ensuring consistent signal strength across different legs of a distribution tree. --- ## 4. Part Number Decoding (Typical) | Segment | Meaning | | :--- | :--- | | **KSF** | Series Identifier (Manufacturer Specific) | | **DC** | Directional Coupler | | **R/Q** | Housing Style / Port Orientation (Right angle or Quick-connect) |
    ✨ Follow-up Questions
    • ⤷ What is the power handling capacity of the KSF-DC series?
    • ⤷ How does coupling loss affect the insertion loss on the main output port?
    • ⤷ Can this component be used in 50-ohm RF systems?