Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KSL-05-R

  • AI
    The **KSL-05-R** is a specific type of electronic component, typically categorized as a **Micro Tactile Switch** or a **Push Button Switch**. These components are fundamental in electronics for creating or breaking a circuit manually. --- ### 1. Technical Specifications The "KSL" series usually refers to sealed tactile switches designed for high durability. Below are the typical technical parameters for this model: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Through-Hole (THT) or SMD (depending on sub-variant) | | **Contact Rating** | 50mA @ 12V DC | | **Operating Force** | 1.6N to 2.5N (Medium pressure) | | **Travel** | 0.3mm to 0.5mm | | **Ingress Protection** | IP67 (Dust and Water resistant) | | **Lifecycle** | ~100,000 to 500,000 cycles | --- ### 2. Key Features The KSL-05-R is distinguished by several physical and electrical characteristics: * **Momentary Action:** The switch only remains "ON" while it is being physically pressed. Once released, it returns to its default "OFF" state. * **Sealed Construction:** The "R" in many series designations often indicates a **Sealed** or **Rubber** capped version, making it suitable for harsh environments where dust or moisture might interfere with the contacts. * **Tactile Feedback:** It provides a distinct "click" sensation to the user, confirming that the button has been successfully actuated. * **Compact Footprint:** Designed for high-density PCB layouts. --- ### 3. Pin Configuration and Circuitry Internally, the switch functions as a **Single Pole, Single Throw (SPST)** device. ```mermaid graph LR A[Terminal 1] --- B(Internal Contact) B --- C[Terminal 2] style B stroke-dasharray: 5 5 ``` * **State 1 (Idle):** The circuit is open. No current flows. * **State 2 (Pressed):** The conductive dome inside snaps down, connecting Terminal 1 and Terminal 2. The circuit is closed. --- ### 4. Common Applications Due to its reliability and tactile response, the KSL-05-R is found in: 1. **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. 2. **Industrial Controls:** Reset buttons on PLCs or interface panels. 3. **Automotive:** Dashboard buttons or key fobs. 4. **Medical Devices:** Control interfaces requiring sterilization or protection from fluids.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the KSL-05-R and the standard KSL-01 model?
    • ⤷ How do I interpret the 'R' suffix in the part number for different manufacturers?
    • ⤷ Can you provide a PCB footprint layout recommendation for this switch?