Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KTS-33-R

  • AI
    The **KTS-33-R** is a specific model of a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" sensation and complete a circuit when pressed. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications The KTS-33-R typically belongs to the miniature surface-mount or through-hole tactile switch family. Here are the standard electrical and mechanical ratings: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | ≤ 100 mΩ | | **Insulation Resistance** | ≥ 100 MΩ (at 100V DC) | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Travel distance** | 0.25mm ± 0.1mm | | **Life Expectancy** | 50,000 to 100,000 cycles | --- ### 2. Physical Construction The "R" in the suffix often denotes **RoHS compliance** or a specific **Reel packaging** for automated SMT (Surface Mount Technology) assembly. * **Actuator:** The top button usually made of plastic (POM) or silicone. * **Cover:** Metal plate (often stainless steel) that holds the internal components together. * **Contact Dome:** A stainless steel or copper alloy "snap dome" that provides the tactile feedback and completes the electrical connection. * **Base:** Heat-resistant molded resin (LCP or Nylon) to withstand soldering temperatures. * **Terminals:** Silver-plated brass or copper for high conductivity. --- ### 3. Circuit Configuration The KTS-33-R is a **SPST (Single Pole Single Throw)** normally open switch. ```text Terminal 1 ----\ ---- Terminal 2 \ (Push to Close) ``` In most 4-pin configurations for this model: * Pins 1 and 2 are internally connected. * Pins 3 and 4 are internally connected. * Pressing the switch connects the (1,2) pair to the (3,4) pair. --- ### 4. Common Applications * **Consumer Electronics:** Remote controls, microwave panels, and digital cameras. * **Computing:** Mouse buttons, reset switches on motherboards. * **Automotive:** Dashboard buttons, key fobs. * **Industrial:** PLC input triggers and interface panels. --- ### 5. Soldering Guidelines Since the KTS-33-R is often an SMD component, it must follow specific thermal profiles to avoid melting the plastic base: ```cpp // Typical Reflow Soldering Profile (Lead-Free) Preheat: 150°C ~ 200°C (60-120 seconds) Peak Temp: 260°C Max (3-5 seconds) ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions of the KTS-33-R footprint for PCB design?
    • ⤷ How does the 'gf' rating affect the user experience of the switch?
    • ⤷ Is the KTS-33-R waterproof or dustproof (IP rated)?