Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KURE-41P1-R

  • AI
    The **KURE-41P1-R** is a specific electronic component, typically categorized as a **Terminal Block** or **Connector** assembly, often used in industrial automation, PLC systems (specifically Keyence), and power distribution modules. --- ## 1. Component Overview The "KURE" series generally refers to compact, high-density terminal blocks designed for space-saving inside control panels. The "41P" indicates the number of positions or poles (pins). ### Technical Specifications | Feature | Details | | :--- | :--- | | **Manufacturer** | Often associated with Keyence or specialized OEM suppliers | | **Number of Pins** | 41 Positions | | **Connection Type** | Screw or Push-in (depending on the specific mounting sub-type) | | **Mounting Style** | DIN Rail Mount | | **Application** | Interface for PLC I/O modules | --- ## 2. Key Electronic Features ### A. High-Density Layout The primary electronic advantage of the 41P1-R is the **1-to-1 signal mapping**. It allows a 40-pin or 41-pin ribbon cable from a PLC to be broken out into individual wiring terminals for field devices (sensors, actuators). ### B. Signal Integrity The internal PCB (Printed Circuit Board) of the unit is designed to handle: * **Voltage:** Typically up to 24V DC (Standard for PLCs). * **Current:** Usually rated for 0.5A to 1.0A per point. * **Isolation:** Designed to prevent cross-talk between high-speed digital signals. ### C. The "-R" Suffix In electronic part numbering, the **-R** often signifies one of two things: 1. **RoHS Compliant:** The part is manufactured without hazardous substances (Lead-free). 2. **Right-Angle:** The physical orientation of the connector pins is at a 90-degree angle to the board. --- ## 3. Common Usage Scenario If you are working with a **Keyence KV Series PLC**, the KURE-41P1-R acts as the bridge between the high-density MIL connector on the PLC and the actual copper wires going to your machine. ### Typical Connection Flow: 1. **PLC Module** (e.g., KV-C64TD) 2. **MIL Connector Cable** (40-pin) 3. **KURE-41P1-R** (Terminal Block) 4. **Field Wiring** (Sensors/Solenoids) --- ## 4. Maintenance and Safety * **Torque Settings:** If using the screw-terminal version, ensure proper torque to avoid "cold flow" or loose connections. * **Labeling:** Most units feature a built-in label strip to identify I/O addresses (e.g., 000 to 015). * **Continuity:** When troubleshooting, use a multimeter to check continuity from the MIL pin to the corresponding screw terminal.
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating per pin for the KURE-41P1-R?
    • ⤷ Which PLC brands are compatible with this terminal block?
    • ⤷ Is there a push-in (screwless) version of this 41-pin connector?