Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KURE-42M2-R

  • AI
    The **KURE-42M2-R** is a specific model within a series of industrial-grade **Solid State Relays (SSRs)** or high-power switching modules, often utilized in automation and thermal control systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The KURE series is typically designed for AC load switching with logic-level DC control. | Feature | Specification | | :--- | :--- | | **Control Voltage (Input)** | Typically 4-32V DC | | **Load Voltage (Output)** | 90 - 480V AC | | **Rated Current** | 40A - 42A (Depending on heatsink efficiency) | | **Switching Type** | Zero-Cross Switching | | **Phase** | Single Phase | --- ### 2. Key Electronic Components & Operation #### A. Input Circuit (Control Side) * **Opto-Isolator:** The internal circuit uses an optocoupler to provide electrical isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage AC load. This protects the controller from surges. * **LED Indicator:** Most models include a built-in LED to signify when the input signal is active. #### B. Output Circuit (Power Side) * **TRIAC or Dual SCR:** For a 42A rating, this module likely utilizes two inverse-parallel SCRs (Silicon Controlled Rectifiers). These are more robust than a single TRIAC for handling high-current inductive or resistive loads. * **Snubber Circuit:** It usually contains an internal RC (Resistor-Capacitor) network to suppress "dv/dt" (voltage spikes) that occur when switching inductive loads like motors or transformers. #### C. Zero-Cross Detection The "Zero-Cross" feature ensures that the relay only turns on when the AC sine wave reaches zero volts. This minimizes: 1. **Electrical Noise (EMI):** Reduces radio frequency interference. 2. **Inrush Current:** Protects the load and extends the lifespan of the relay. --- ### 3. Connection Diagram (Typical) ```markdown [CONTROL SIDE] [LOAD SIDE] (+) 4-32VDC [Terminal 1] ---- [L1] Line Power (90-480VAC) (-) Ground [Terminal 2] ---- [T1] Load (Heater/Motor) ``` --- ### 4. Thermal Management Because this part handles up to **42A**, it generates significant heat. Electronic integration requires: * **Heatsink:** Must be mounted on an aluminum heatsink. * **Thermal Paste:** Required between the baseplate of the KURE-42M2-R and the cooling surface. * **Derating:** At ambient temperatures above 40°C, the maximum allowable current drops significantly.
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions for mounting the KURE-42M2-R?
    • ⤷ Does this model support Phase Angle Control for dimming applications?
    • ⤷ What is the recommended fuse type for protecting this SSR against short circuits?