Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KURE-42P1-R

  • AI
    The **KURE-42P1-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **Automotive/Industrial plug**. It is widely used in systems requiring robust physical connections, such as high-end audio-visual equipment, radio frequency devices, or industrial control units. --- ### 1. Component Overview The part belongs to a series of multi-pin circular connectors designed for reliability in environments where vibration or environmental interference might occur. | Feature | Specification | | :--- | :--- | | **Part Type** | Circular Connector / Plug | | **Number of Pins** | 42 Pins | | **Termination Type** | Solder or Crimp (model dependent) | | **Mounting Type** | Panel Mount or Cable Mount | | **Housing Material** | Zinc Alloy or Nickel-plated Brass | --- ### 2. Key Electronic Characteristics To understand how this part functions in a circuit, consider these technical parameters: * **Pin Density:** With 42 pins, it is designed for high-density signal transmission (e.g., sensor arrays or complex control logic). * **Contact Resistance:** Usually kept very low (typically < 10mΩ) to ensure signal integrity across all 42 channels. * **Insulation Resistance:** High-grade plastic inserts (like PBT) are used to provide insulation between pins, usually rated at 1000MΩ or higher at 500V DC. * **Voltage/Current Rating:** These connectors are generally designed for low-power signal applications rather than high-voltage power delivery. --- ### 3. Structural Design The "KURE" series often features specific mechanical locking mechanisms: 1. **Threaded Coupling:** Ensures the connector does not vibrate loose. 2. **Keying:** The internal structure is "keyed" so the plug can only be inserted in the correct orientation, preventing pin damage. 3. **Shielding:** The metal shell provides EMI (Electromagnetic Interference) protection, which is critical for the 42 signal lines inside. --- ### 4. Common Applications * **Broadcast Equipment:** Connecting control surfaces to rack-mounted hardware. * **Industrial Automation:** Routing multiple sensor inputs through a single bulkhead. * **Medical Devices:** Interfacing complex diagnostic probes with main processing units. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the KURE-42P1-R?
    • ⤷ What are the recommended wire gauges for this 42-pin connector?
    • ⤷ Is there an IP rating (waterproofing) associated with this specific model?