Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KURE-42P2-R

  • AI
    The **KURE-42P2-R** is a specific electronic component, typically identified as a **high-frequency relay** or a specialized **electromagnetic switch**, often utilized in industrial automation and communication equipment. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The KURE series is known for its compact design and high reliability in switching low-level signals with minimal interference. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Reed Relay | | **Contact Form** | 2 Form P (Specialized configuration) | | **Mounting Type** | PCB Through-Hole | | **Package Style** | Sealed / Dust-proof | | **RoHS Compliant** | Yes (Indicated by the "R" suffix) | --- ### 2. Key Electronic Parts & Construction The internal architecture of the KURE-42P2-R consists of several critical sub-components: * **The Coil:** An insulated copper wire winding that generates a magnetic field when energized. In the "42P" variant, the coil is optimized for specific voltage sensitivity (often 12V or 24V DC). * **The Contacts:** Usually plated with precious metals (such as Gold or Rhodium) to ensure low contact resistance and prevent oxidation over long periods of inactivity. * **The Armature:** A moving metallic part that responds to the coil's magnetic field to open or close the electrical circuit. * **Damping/Shielding:** High-frequency variants often include internal shielding to reduce "cross-talk" between the coil and the signal path. --- ### 3. Application Areas Because of its precision, the KURE-42P2-R is commonly found in the following environments: 1. **Telecommunications:** For switching signal paths in routing hardware. 2. **Test & Measurement:** Used in automated test equipment (ATE) where signal integrity is paramount. 3. **Medical Electronics:** Utilized in diagnostic devices requiring galvanic isolation. 4. **Security Systems:** High-reliability switching for alarm control panels. --- ### 4. Technical Advantages * **High Isolation:** Provides physical separation between the control circuit and the load. * **Low Power Consumption:** The coil is designed to require minimal current to maintain the "switched" state. * **Durability:** Rated for millions of mechanical cycles.
    ✨ Follow-up Questions
    • ⤷ What is the rated coil voltage for the KURE-42P2-R?
    • ⤷ How does the contact resistance of this relay compare to standard industrial relays?
    • ⤷ What are the pinout dimensions for PCB footprint design?