Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • KURE-43M3-R

  • AI
    The **KURE-43M3-R** is a specific electronic component primarily used in industrial and automation applications. Based on the part numbering convention, it is an **SSR (Solid State Relay)** or a specialized control relay module, often associated with Japanese manufacturers like **Kyotto** or similar industrial relay providers. --- ### 1. Key Technical Specifications The "43M3" designation typically refers to its capacity and voltage rating. Below are the standard specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Mounting Type** | PCB Mount / Socket Mount | | **Control Voltage (Input)** | Typically 3-32V DC | | **Load Voltage (Output)** | 240V AC / 440V AC (depending on sub-series) | | **Load Current** | 3 Amperes (indicated by the '3' in 43M3) | | **Switching Type** | Zero Cross Switching (minimizes RFI) | --- ### 2. Functional Description Unlike mechanical relays, the KURE-43M3-R uses semiconductor devices (such as Triacs or Thyristors) to perform switching. * **Opto-Isolation:** It uses an internal LED and a photo-sensitive transistor to isolate the low-power control circuit from the high-power load circuit. * **Zero-Cross Feature:** The "R" or specific series suffix often denotes a Zero-Cross circuit, meaning the relay only turns on when the AC load voltage is near zero, reducing electrical noise and protecting the load. * **Reliability:** Since it has no moving parts, it does not suffer from contact arcing, pitting, or mechanical wear. --- ### 3. Pinout and Connection Logic While you should always consult the specific datasheet for your unit, the general logic for a 4-pin SSR like this is: ```markdown Pin 1: (+) Input Control (DC) Pin 2: (-) Input Control (DC) Pin 3: AC Load Terminal 1 Pin 4: AC Load Terminal 2 ``` --- ### 4. Applications The KURE-43M3-R is commonly found in: 1. **Temperature Controllers:** Controlling heaters in plastic injection molding. 2. **Motor Control:** Small AC motors for fans or conveyors. 3. **Office Automation:** Power management in large photocopiers or printers. 4. **Lighting:** Switching high-intensity discharge lamps.
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for the KURE-43M3-R?
    • ⤷ Can this relay be used to switch DC loads instead of AC?
    • ⤷ Does this model require an external heat sink for operation at 3A?