KUS-54-R
AI

The **KUS-54-R** is a specific model of an **Ultrasonic Sensor** typically used for distance measurement, proximity sensing, or object detection in industrial automation. It is designed to emit high-frequency sound waves and calculate distance based on the time-of-flight (ToF) principle.
---
## 1. Core Technical Specifications
The electronic performance of the KUS-54-R is defined by its sensing range and electrical output characteristics.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Sensing Range** | 100 mm to 1000 mm (varies by sub-model) |
| **Operating Voltage** | 10 - 30 V DC |
| **Output Type** | Analog (0-10V or 4-20mA) or Switching (PNP/NPN) |
| **Response Time** | < 100 ms |
| **Transducer Frequency** | ~300 kHz |
| **Connection Type** | M12 Connector (4-pin or 5-pin) |
---
## 2. Electronic Components & Internal Working
The device consists of several critical electronic sub-systems integrated into its cylindrical housing:
### A. The Piezoelectric Transducer
The heart of the sensor. It contains a ceramic element that:
* **Transmits:** Converts electrical pulses into ultrasonic vibrations.
* **Receives:** Converts returning echoes (mechanical stress) back into small electrical voltages.
### B. Signal Processing Unit (ASIC)
Internal circuitry handles the complex math required for accuracy:
* **Amplifier:** Boosts the weak electrical signal received from the echo.
* **Microcontroller:** Measures the precise time interval between transmission and reception.
* **Temperature Compensation:** Many KUS-54 models include an internal thermistor to adjust calculations based on air temperature (since the speed of sound changes with heat).
### C. Output Stage
* **D/A Converter:** For analog models, it converts the digital distance value into a stable 4-20mA current or 0-10V voltage.
* **Transistor Switch:** For discrete models, it triggers a PNP or NPN transistor when an object enters the "Teach-in" zone.
---
## 3. Wiring Configuration
Standard wiring for the KUS-54-R series typically follows the industrial M12 color code:
| Pin Number | Wire Color | Function |
| :--- | :--- | :--- |
| 1 | Brown | +VCC (10-30V DC) |
| 2 | White | Teach-in / Mode Select |
| 3 | Blue | GND (0V) |
| 4 | Black | Signal Output (Analog or Switching) |
---
## 4. Key Electronic Features
* **Short-Circuit Protection:** Protects the internal electronics if the output is wired incorrectly.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative power leads are swapped.
* **Teach-In Functionality:** Electronic buttons or a dedicated wire allow the user to set the sensing window limits without needing a physical potentiometer.
- ⤷
How do I calibrate the sensing range using the Teach-in wire?
- ⤷ What is the difference between the 4-20mA and 0-10V output options for this model?
- ⤷ Can this sensor detect transparent objects like glass or plastic?